Electronic Components Datasheet Search
  English  ▼

X  

L260 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L260
Description  Converter - Brake - Inverter Module (CBI1)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L260 Datasheet(HTML) 1 Page - IXYS Corporation

  L260 Datasheet HTML 1Page - IXYS Corporation L260 Datasheet HTML 2Page - IXYS Corporation L260 Datasheet HTML 3Page - IXYS Corporation L260 Datasheet HTML 4Page - IXYS Corporation L260 Datasheet HTML 5Page - IXYS Corporation L260 Datasheet HTML 6Page - IXYS Corporation L260 Datasheet HTML 7Page - IXYS Corporation L260 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 IXYS All rights reserved
1 - 8
MUBW 35-06 A6
Rectifier
Brake
Inverter
V
RRM
= 1200V
V
CES
= 600 V
V
CES
= 600 V
I
FAVM
= 25 A
I
C25
= 23 A
I
C25
= 38 A
I
FSM
= 370 A
V
CE(sat) = 2.1 V
V
CE(sat) = 2.1 V
Input Rectifier Bridge D8 - D13
Symbol
Conditions
Maximum Ratings
V
RRM
1200
V
I
F
T
VJ = 25°C
55
A
I
FAVM
T
VJ = 150°C; TK = 70°C
25
A
I
FSM
T
VJ = 45°C; t = 10 ms sine 50 Hz
370
A
i²t
T
VJ = 125°C
680
A²s
T
VJ
+150
°C
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
I
R
V
RRM = 1200 V; TVJ =
25°C
20
µA
T
VJ = 125°C
2
mA
V
F
I
F = 55 A
1.2
1.46
V
R
thJC
per die
1.05
°C/W
IXYS reserves the right to change limits, test conditions and dimensions.
Converter - Brake - Inverter Module (CBI1)
Features
q
NPT IGBT technology
Square RBSOA, no latchup
q
Free wheeling diodes with Hiperfast
and soft recovery behaviour
q
Isolation voltage 2500 V~
q
Built in temperature sense
q
High level of integration:
one module for complete drive
system
q
Direct Copper Bonded Al
2O3 ceramic
base plate
Applications
q
AC motor control
q
AC servo and robot drives
Advantages
q
No need of external isolation
q
Easy to mount with two screws
q
Package designed for wave
soldering
q
High temperature and power cycling
capability


Similar Part No. - L260

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2601 POLYFET-L2601 Datasheet
57Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2601 POLYFET-L2601_14 Datasheet
111Kb / 2P
RF POWER LDMOS TRANSISTOR
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
LOW DROPOUT VOLTAGE REGULATORS
Mar-1993
L2605V STMICROELECTRONICS-L2605V Datasheet
79Kb / 6P
LOW DROPOUT VOLTAGE REGULATORS
Mar-1993
L2605X STMICROELECTRONICS-L2605X Datasheet
79Kb / 6P
LOW DROPOUT VOLTAGE REGULATORS
Mar-1993
More results

Similar Description - L260

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L258 IXYS-L258 Datasheet
207Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW15-12A6 IXYS-MUBW15-12A6 Datasheet
298Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW15-06A6 IXYS-MUBW15-06A6 Datasheet
210Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW10-12A6 IXYS-MUBW10-12A6 Datasheet
261Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW10-06A6 IXYS-MUBW10-06A6 Datasheet
218Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW15-12A6K IXYS-MUBW15-12A6K Datasheet
201Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW6-06A6 IXYS-MUBW6-06A6 Datasheet
241Kb / 8P
Converter - Brake - Inverter Module (CBI1)
logo
Powersem GmbH
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
Converter - Brake - Inverter Module
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com