Electronic Components Datasheet Search
  English  ▼

X  

L260 Datasheet(PDF) 5 Page - IXYS Corporation

Part # L260
Description  Converter - Brake - Inverter Module (CBI1)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L260 Datasheet(HTML) 5 Page - IXYS Corporation

  L260 Datasheet HTML 1Page - IXYS Corporation L260 Datasheet HTML 2Page - IXYS Corporation L260 Datasheet HTML 3Page - IXYS Corporation L260 Datasheet HTML 4Page - IXYS Corporation L260 Datasheet HTML 5Page - IXYS Corporation L260 Datasheet HTML 6Page - IXYS Corporation L260 Datasheet HTML 7Page - IXYS Corporation L260 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2000 IXYS All rights reserved
5 - 8
MUBW 35-06 A6




D‡
‡
6†
۠
†
D
)60
6
W
)
D
)
‡

$

$
!
!$


!
"
#
$
%





$

$
!
!$
"
6
U
9-Ã2à "ƒ8
U
9-Ã2Ã!$ƒ8
€h‘
‡’ƒ
'ÑÃW
550
$ÃC“
U
9-Ã2Ã#$ƒ8
U
9-Ã2à "ƒ8
W
U
9-Ã2Ã#$ƒ8
U
9-Ã2à "ƒ8
Forward characteristics
Surge overload current
I
FSM: crest value, t: duration
I2t versus time (1-10 ms)
ZthJH[K/W]
0.0001
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t (s)
D = 0
D = 0.005
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
Input Rectifier Bridge D8 - D13
(Z
thJH is measured using 50 µm
thermal grease)
Transient thermal resistance junction to heatsink



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com