Electronic Components Datasheet Search
  English  ▼

X  

ADC31RF80IRMP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 29Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 30Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 31Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 32Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 33Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 34Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 35Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 36Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 136 page
background image
Input Clock
Divider
(Divide-by-4)
ASSERT SYSREF REG
(In Master Page)
SEL SYSREF REG
(In Master Page)
0
1
CLKIN
(CLKP-CLKM)
SYSREF
(SYSREFP-SYSREFM)
DLL
NCO,
JESD Interface
(LMFC Counter)
MASK CLKDIV SYSREF
(In JESD Digital Page)
MASK NCO SYSREF
(In JESD Digital Page)
PDN SYSREF
(In Master Page)
33
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.3.1 Using SYSREF
The ADC31RF80 uses SYSREF information to reset the clock divider, the NCO phase, and the LMFC counter of
the JESD interface. The device provides flexibility to provide SYSREF information either from dedicated pins or
through SPI register bits. SYSREF is asserted by a low-to-high transition on the SYSREF pins or a 0-to-1 change
in the ASSERT SYSREF REG bit, as shown in Figure 90, when using SPI registers.
Figure 90. Using SYSREF to Reset the Clock Divider, the NCO, and the LMFC Counter
The ADC31RF80 samples the SYSREF signal on the input clock rising edge. Required setup and hold time are
listed in the Timing Requirements table. The input clock divider gets reset each time that SYSREF is asserted,
as shown in Table 1, whereas the NCO phase and the LMFC counter of the JESD interface are reset on each
SYSREF assertion after disregarding the first two assertions.
Table 1. Asserting SYSREF
SYSREF ASSERTION INDEX
ACTION
INPUT CLOCK DIVIDER
NCO PHASE
LMFC COUNTER
1
Gets reset
Does not get reset
Does not get reset
2
Gets reset
Does not get reset
Does not get reset
3
Gets reset
Gets reset
Gets reset
4 and onwards
Gets reset
Gets reset
Gets reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com