Electronic Components Datasheet Search
  English  ▼

X  

ADC31RF80IRMP Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 85 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 81Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 82Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 83Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 84Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 85Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 86Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 87Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 88Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 136 page
background image
85
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.6.2 Register 068h (address = 068h), Offset Corr Page
Figure 163. Register 068h
7
6
5
4
3
2
1
0
FREEZE OFFSET
CORR
ALWAYS WRITE
1
0
0
0
DIS OFFSET CORR
ALWAYS WRITE
1
0
R/W-0h
R/W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
W-0h
Table 52. Register 068h Field Descriptions
Bit
Field
Type
Reset
Description
7
FREEZE OFFSET CORR
R/W
0h
Use this bit and bits 5 and 1 to freeze the offset estimation
process of the offset corrector; see the Using DC Coupling in
the ADC31RF80 section.
011 = Apply this setting after powering up the device
111 = Offset corrector is frozen, does not estimate offset
anymore, and applies the last computed value.
Others = Do not use
6
ALWAYS WRITE 1
R/W
0h
Always write this bit as 1 for the offset correction block to work
properly.
5-3
0
W
0h
Must write 0
2
DIS OFFSET CORR
R/W
0h
0 = Offset correction block works and removes fS / 8, fS / 4,
3fS / 8, and fS / 2 spurs
1 = Offset correction block is disabled
1
ALWAYS WRITE 1
R/W
0h
Always write this bit as 1 for the offset correction block to work
properly.
0
0
W
0h
Must write 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com