Electronic Components Datasheet Search
  English  ▼

X  

ADC31RF80IRMP Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 76 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 72Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 73Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 74Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 75Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 76Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 77Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 78Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 79Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
76
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.2 Register Descriptions
Table 30 lists the access codes for the ADC31RF80 registers.
Table 30. ADC31RF80 Access Type Codes
Access Type
Code
Description
R
R
Read
R-W
R/W
Read or Write
W
W
Write
-n
Value after reset or the default
value
8.5.2.1 General Registers
8.5.2.1.1
Register 000h (address = 000h), General Registers
Figure 144. Register 000h
7
6
5
4
3
2
1
0
RESET
0
0
0
0
0
0
RESET
R/W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
(1)
Both bits (7, 0) must be set simultaneously to perform a reset.
Table 31. Register 000h Field Descriptions
Bit
Field
Type
Reset
Description
7
RESET
R/W
0h
0 = Normal operation
1 = Internal software reset, clears back to 0
6-1
0
W
0h
Must write 0
0
RESET
R/W
0h
0 = Normal operation(1)
1 = Internal software reset, clears back to 0
8.5.2.1.2
Register 002h (address = 002h), General Registers
Figure 145. Register 002h
7
6
5
4
3
2
1
0
DIGITAL BANK PAGE SEL[7:0]
R/W-0h
Table 32. Register 002h Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DIGITAL BANK PAGE SEL[7:0]
R/W
0h
Program the JESD BANK PAGE SEL[23:0] bits to access the
desired page in the JESD bank.
680000h = Main digital page
610000h = Digital function page
690000h = JESD digital page selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com