Electronic Components Datasheet Search
  English  ▼

X  

SC16C754 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC16C754
Description  Quad UART with 64-byte FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C754 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC16C754 Datasheet HTML 2Page - NXP Semiconductors SC16C754 Datasheet HTML 3Page - NXP Semiconductors SC16C754 Datasheet HTML 4Page - NXP Semiconductors SC16C754 Datasheet HTML 5Page - NXP Semiconductors SC16C754 Datasheet HTML 6Page - NXP Semiconductors SC16C754 Datasheet HTML 7Page - NXP Semiconductors SC16C754 Datasheet HTML 8Page - NXP Semiconductors SC16C754 Datasheet HTML 9Page - NXP Semiconductors SC16C754 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Philips Semiconductors
SC16C754
Quad UART with 64-byte FIFO
Product data
Rev. 04 — 19 June 2003
6 of 49
9397 750 11618
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
CLKSEL
26
30
I
Clock Select. CLKSEL selects the divide-by-1 or divide-by-4 prescalable
clock. During the reset, a logic 1 (VCC) on CLKSEL selects the divide-by-1
prescaler. A logic 0 (GND) on CLKSEL selects the divide-by-4 prescaler.
The value of CLKSEL is latched into MCR[7] at the trailing edge of RESET.
A logic 1(VCC) on CLKSEL will latch a 0 into MCR[7]. A logic 0 (GND) on
CLKSEL will latch a 1 into MCR[7]. MCR[7] can be changed after RESET to
alter the prescaler value.
CSA, CSB,
CSC, CSD
9, 13,
49, 53
16, 20,
50, 54
I
Chip Select (Active-LOW). These pins enable data transfers between the
user CPU and the SC16C754 for the channel(s) addressed. Individual
UART sections (A, B, C, D) are addressed by providing a logic LOW on the
respective CSA through CSD pins.
CTSA, CTSB,
CTSC, CTSD
4, 18,
44, 58
11, 25,
45, 59
I
Clear to Send (Active-LOW). These inputs are associated with individual
UART channels A through D. A logic 0 (LOW) on the CTS pins indicates the
modem or data set is ready to accept transmit data from the SC16C754.
Status can be tested by reading MSR[4]. These pins only affect the transmit
and receive operations when Auto-CTS function is enabled via the
Enhanced Feature Register EFR[7] for hardware flow control operation.
D0-D2,
D3-D7
68-70,
71-75
66-68,
1-5
I/O
Data bus (bi-directional). These pins are the 8-bit, 3-state data bus for
transferring information to or from the controlling CPU. D0 is the least
significant bit and the first data bit in a transmit or receive serial data stream.
DSRA, DSRB,
DSRC, DSRD
3, 19,
43, 59
10, 26,
44, 60
I
Data Set Ready (Active-LOW). These inputs are associated with individual
UART channels A through D. A logic 0 (LOW) on these pins indicates the
modem or data set is powered-on and is ready for data exchange with the
UART. The state of these inputs is reflected in the modem status register
(MSR).
DTRA, DTRB,
DTRC, DTRD
5, 17,
45, 57
12, 24,
46, 58
O
Data Terminal Ready (Active-LOW). These outputs are associated with
individual UART channels A through D. A logic 0 (LOW) on these pins
indicates that the SC16C754 is powered-on and ready. These pins can be
controlled via the modem control register. Writing a logic 1 to MCR[0] will
set the DTR output to logic 0 (LOW), enabling the modem. The output of
these pins will be a logic 1 after writing a logic 0 to MCR[0], or after a reset.
GND
16, 36,
56, 76
6, 23,
40, 57
I
Signal and power ground.
INTA, INTB,
INTC, INTD
8, 14,
48, 54
15, 21,
49, 55
O
Interrupt A, B, C, and D (Active-HIGH). These pins provide individual
channel interrupts INTA through INTD. INTA through INTD are enabled
when MCR[3] is set to a logic 1, interrupt sources are enabled in the
interrupt enable register (IER). Interrupt conditions include: receiver errors,
available receiver buffer data, available transmit buffer space, or when a
modem status flag is detected. INTA-INTD are in the high-impedance state
after reset.
INTSEL
67
65
I
Interrupt select (Active-HIGH with internal pull-down). INTSEL can be
used in conjunction with MCR[3] to enable or disable the 3-STate interrupts
INTA-INTD or override MCR[3] and force continuous interrupts. Interrupt
outputs are enabled continuously by making this pin a logic 1. Driving this
pin LOW allows MCR[3] to control the 3-State interrupt output. In this mode,
MCR[3] is set to a logic 1 to enable the 3-State outputs.
IOR
51
52
I
Input/Output Read strobe (Active-LOW). A HIGH-to-LOW transition on
IOR will load the contents of an internal register defined by address bits
A0-A2 onto the SC16C754 data bus (D0-D7) for access by external CPU.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
LQFP80 PLCC68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com