Electronic Components Datasheet Search
  English  ▼

X  

SC16C754 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC16C754
Description  Quad UART with 64-byte FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C754 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC16C754 Datasheet HTML 3Page - NXP Semiconductors SC16C754 Datasheet HTML 4Page - NXP Semiconductors SC16C754 Datasheet HTML 5Page - NXP Semiconductors SC16C754 Datasheet HTML 6Page - NXP Semiconductors SC16C754 Datasheet HTML 7Page - NXP Semiconductors SC16C754 Datasheet HTML 8Page - NXP Semiconductors SC16C754 Datasheet HTML 9Page - NXP Semiconductors SC16C754 Datasheet HTML 10Page - NXP Semiconductors SC16C754 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Philips Semiconductors
SC16C754
Quad UART with 64-byte FIFO
Product data
Rev. 04 — 19 June 2003
7 of 49
9397 750 11618
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
IOW
1118I
Input/Output Write strobe (Active-LOW). A LOW-to-HIGH transition on
IOW will transfer the contents of the data bus (D0-D7) from the external
CPU to an internal register that is defined by address bits A0-A2 and CSA
and CSD.
NC
1, 2, 20,
21, 22,
27, 40,
41, 42,
60, 61,
62, 80
31
-
Not connected.
RESET
33
37
I
Reset. This pin will reset the internal registers and all the outputs. The
UART transmitter output and the receiver input will be disabled during reset
time. RESET is an active-HIGH input.
RIA, RIB,
RIC, RID
78, 24,
38, 64
8, 28,
42, 62
I
Ring Indicator (Active-LOW). These inputs are associated with individual
UART channels, A through D. A logic 0 on these pins indicates the modem
has received a ringing signal from the telephone line. A LOW-to-HIGH
transition on these input pins generates a modem status interrupt, if
enabled. The state of these inputs is reflected in the modem status register
(MSR).
RTSA, RTSB,
RTSC, RTSD
7, 15,
47, 55
14, 22,
48, 56
O
Request to Send (Active-LOW). These outputs are associated with
individual UART channels, A through D. A logic 0 on the RTS pin indicates
the transmitter has data ready and waiting to send. Writing a logic 1 in the
modem control register MCR[1] will set this pin to a logic 0, indicating data
is available. After a reset these pins are set to a logic 1. These pins only
affect the transmit and receive operations when Auto-RTS function is
enabled via the Enhanced Feature Register (EFR[6]) for hardware flow
control operation.
RXA, RXB,
RXC, RXD
77, 25,
37, 65
7, 29,
41, 63
I
Receive data input. These inputs are associated with individual serial
channel data to the SC16C754. During the local loop-back mode, these RX
input pins are disabled and TX data is connected to the UART RX input
internally.
RXRDY
3438O
Receive Ready (Active-LOW). RXRDY contains the wire-ORed status of
all four receive channel FIFOs, RXRDY A-D. It goes LOW when the trigger
level has been reached or a time-out interrupt occurs. It goes HIGH when all
RX FIFOs are empty and there is an error in RX FIFO.
TXA, TXB,
TXC, TCD
10, 12,
50, 52
17, 19,
51, 53
O
Transmit data. These outputs are associated with individual serial transmit
channel data from the SC16C754. During the local loop-back mode, the TX
output pin is disabled and TX data is internally connected to the UART RX
input.
TXRDY
3539O
Transmit Ready (Active-LOW). TXRDY contains the wire-ORed status of
all four transmit channel FIFOs, TXRDY A-D. It goes LOW when there are a
trigger level number of spaces available. It goes HIGH when all four TX
buffers are full.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
LQFP80 PLCC68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com