Electronic Components Datasheet Search
  English  ▼

X  

TUSB213 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB213
Description  USB 2.0 High Speed Signal Conditioner
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB213 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB213 Datasheet HTML 13Page - Texas Instruments TUSB213 Datasheet HTML 14Page - Texas Instruments TUSB213 Datasheet HTML 15Page - Texas Instruments TUSB213 Datasheet HTML 16Page - Texas Instruments TUSB213 Datasheet HTML 17Page - Texas Instruments TUSB213 Datasheet HTML 18Page - Texas Instruments TUSB213 Datasheet HTML 19Page - Texas Instruments TUSB213 Datasheet HTML 20Page - Texas Instruments TUSB213 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
TUSB213
www.ti.com
SLLSEX6A – AUGUST 2017 – REVISED AUGUST 2017
Product Folder Links: TUSB213
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Power Supply Recommendations
On power up, the interaction of the RSTN pin and power on ramp could result in digital circuits not being set
correctly. The device should not be enabled until the power on ramp has settled to 4.4 V or higher to ensure a
correct power on reset of the digital circuitry. If RSTN cannot be held low by microcontroller or other circuitry until
the power on ramp has settled, then an external capacitor from the RSTN pin to GND is required to hold the
device in the low power reset state.
The RC time constant should be larger than five times of the power on ramp time (0 to VCC). With a typical
internal pullup resistance of 500 kΩ, the recommended minimum external capacitance is calculated as:
CRSTN = [Ramp Time × 5] ÷ [500 kΩ]
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com