Electronic Components Datasheet Search
  English  ▼

X  

TUSB213 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB213
Description  USB 2.0 High Speed Signal Conditioner
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB213 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB213 Datasheet HTML 2Page - Texas Instruments TUSB213 Datasheet HTML 3Page - Texas Instruments TUSB213 Datasheet HTML 4Page - Texas Instruments TUSB213 Datasheet HTML 5Page - Texas Instruments TUSB213 Datasheet HTML 6Page - Texas Instruments TUSB213 Datasheet HTML 7Page - Texas Instruments TUSB213 Datasheet HTML 8Page - Texas Instruments TUSB213 Datasheet HTML 9Page - Texas Instruments TUSB213 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
tSTABLE
VCC
RSTN
tRSTN_PULSE_WIDTH
VIL(MAX)
VCC(MIN)
6
TUSB213
SLLSEX6A – AUGUST 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TUSB213
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DxP, DxM
CIO_DXX
Capacitance to GND
Measured with LCR meter and device
powered down. 1 MHz sinusoid, 30
mVpp ripple
2.7
pF
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FBR_DXX
DxP/M Bit Rate
USB channel = HS mode; 480 Mbps
traffic; VCC supply stable
480.24
Mbps
tRISE_DXX DxP/M rise time
100
ps
tFALL_DXX DxP/M fall time
100
ps
tRSTN_PU
LSE_WIDT
H
Minimum width to detect a valid RSTN
signal assert when the pin is actively
driven
VCC = 4.4 V; Refer to Figure 1
20
µs
tSTABLE
VCC stable before RSTN de-assertion
Refer to Figure 1
100
µs
tVCC_RAM
P
VCC ramp time
0.2
100
ms
Figure 1. Power On and Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com