Electronic Components Datasheet Search
  English  ▼

X  

TUSB213 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB213
Description  USB 2.0 High Speed Signal Conditioner
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB213 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB213 Datasheet HTML 1Page - Texas Instruments TUSB213 Datasheet HTML 2Page - Texas Instruments TUSB213 Datasheet HTML 3Page - Texas Instruments TUSB213 Datasheet HTML 4Page - Texas Instruments TUSB213 Datasheet HTML 5Page - Texas Instruments TUSB213 Datasheet HTML 6Page - Texas Instruments TUSB213 Datasheet HTML 7Page - Texas Instruments TUSB213 Datasheet HTML 8Page - Texas Instruments TUSB213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
USB Host
USB
Connector
Cable
D2P
GND
5 V
VCC
D2M
D1P
D1M
DP
DM
DP
DM
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB213
SLLSEX6A – AUGUST 2017 – REVISED AUGUST 2017
TUSB213 USB 2.0 High Speed Signal Conditioner
1
1 Features
1
•
Compatible with USB 2.0, OTG 2.0 and BC 1.2
•
Pin strap or I2C Configurable
•
Support for LS, FS, HS signaling
•
Ultra-low USB Disconnect and Shutdown Power
Consumption
•
Scalable solution - Daisy Chain Device for High
Loss Applications
•
D1P/M and D2P/M Interchangeable and
Host/Device Agnostic
•
Supports up to 5m pre-channel or 2m post-
channel Cable Length
–
Four Selectable AC Boost Setting Via External
Pulldown Resistor
–
DC Boost Along With AC Boost for Best Signal
Integrity
2 Applications
•
Notebooks
•
Desktops
•
Docking Stations
•
Tablets
•
Cell Phones
•
Active Cable, Cable Extenders
•
Backplane
•
Televisions
3 Description
The TUSB213 is a USB High-Speed (HS) signal
conditioner, designed to compensate for ISI signal
loss in a transmission channel which helps passing
USB electrical compliance tests.
TUSB213 has a patent-pending design which is
agnostic to USB Low Speed (LS) and Full Speed
(FS) signals. LS and FS signal characteristics are
unaffected by the TUSB213 while HS signals are
compensated.
Programmable signal AC boost and DC boost permits
fine tuning device performance to optimize High
Speed signals at the connector, this allows use in
many different applications.
In addition, TUSB213 is compatible with the USB On-
The-Go (OTG) and Battery Charging (BC) protocols.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB213
VQFN (14)
3.50 mm x 3.50 mm
TUSB213I
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
SPACER
SPACER
Simplified Schematic


Similar Part No. - TUSB213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB213 TI1-TUSB213 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
TUSB2136 TI-TUSB2136 Datasheet
242Kb / 53P
Universal Serial Bus Compound Hub with General Purpose 8052 MCU
TUSB2136 TI-TUSB2136 Datasheet
242Kb / 53P
Universal Serial Bus Compound Hub with General Purpose 8052 MCU
More results

Similar Description - TUSB213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB217-Q1 TI1-TUSB217-Q1 Datasheet
902Kb / 28P
USB High Speed Signal Conditioner
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com