Electronic Components Datasheet Search
  English  ▼

X  

LM89CIMM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM89CIMM
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89CIMM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM89CIMM Datasheet HTML 9Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 10Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 11Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 12Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 13Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 14Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 15Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 16Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1.0 Functional Description (Continued)
1.12 FAULT QUEUE
In order to suppress erroneous ALERT or T_CRIT triggering
the LM89 incorporates a Fault Queue. The Fault Queue acts
to insure a remote temperature measurement is genuinely
beyond a HIGH, LOW or T_CRIT setpoint by not triggering
until three consecutive out of limit measurements have been
made, see Figure 10. The fault queue defaults off upon
power-up and may be activated by setting bit D0 in the
Configuration register (09h) to “1”.
1.13 ONE-SHOT REGISTER
The One-Shot register is used to initiate a single conversion
and comparison cycle when the device is in standby mode,
after which the device returns to standby. This is not a data
register and it is the write operation that causes the one-shot
conversion. The data written to this address is irrelevant and
is not stored. A zero will always be read from this register.
2.0 LM89 Registers
2.1 COMMAND REGISTER
Selects which registers will be read from or written to. Data for this register should be transmitted during the Command Byte of
the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
Command Select
P0-P7: Command Select
Command Select Address
Power-On-Default State
Register
Name
Register Function
Read Address
<P7:P0> hex
Write Address
<P7:P0> hex
<D7:D0> binary
<D7:D0>
decimal
00h
NA
0000 0000
0
LT
Local Temperature
01h
NA
0000 0000
0
RTHB
Remote Temperature High Byte
02h
NA
0000 0000
0
SR
Status Register
03h
09h
0000 0000
0
C
Configuration
04h
0Ah
0000 1000
8 (16
conv./sec)
CR
Conversion Rate
05h
0Bh
0100 0110
70
LHS
Local HIGH Setpoint
06h
0Ch
0000 0000
0
LLS
Local LOW Setpoint
07h
0Dh
0100 0110
70
RHSHB
Remote HIGH Setpoint High Byte
08h
0Eh
0000 0000
0
RLSHB
Remote LOW Setpoint High Byte
NA
0Fh
One Shot
Writing to this register will initiate a
one shot conversion
10h
NA
0000 0000
0
RTLB
Remote Temperature Low Byte
11h
11h
0000 0000
0
RTOHB
Remote Temperature Offset High
Byte
20041530
FIGURE 10. Fault Queue Temperature Response
Diagram
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com