Electronic Components Datasheet Search
  English  ▼

X  

LM89CIMM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM89CIMM
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89CIMM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM89CIMM Datasheet HTML 11Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 12Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 13Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 14Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 15Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 16Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 17Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 18Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
2.0 LM89 Registers (Continued)
D6: RUN/STOP: When set to “1” SHUTDOWN is enabled.
D5: is not defined and defaults to “0”.
D4: Remote T_CRIT mask: When set to “1” a diode temperature reading that exceeds T_CRIT setpoint will not activate the
T_CRIT_A pin.
D3: is not defined and defaults to “0”.
D2: Local T_CRIT mask: When set to “1” a Local temperature reading that exceeds T_CRIT setpoint will not activate the
T_CRIT_A pin.
D1: is not defined and defaults to “0”.
D0: Fault Queue: when set to “1” three consecutive remote temperature measurements outside the HIGH, LOW, or T_CRIT
setpoints will trigger an “Outside Limit” condition resulting in setting of status bits and associated output pins..
2.5 CONVERSION RATE REGISTER
(Read Address 04h /Write
Address 0Ah)
Value
Conversion
Rate
00
62.5 mHz
01
125 mHz
02
250 mHz
03
500 mHz
04
1 Hz
05
2 Hz
(Read Address 04h /Write
Address 0Ah)
Value
Conversion
Rate
06
4 Hz
07
8 Hz
08
16 Hz
09
32 Hz
10-255
Undefined
2.6 LOCAL and REMOTE HIGH SETPOINT REGISTERS (LHS, RHSHB, and RHSLB)
(Read Address 05h, 07h /Write Address 0Bh, 0Dh):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
For LHS and RHSHB: HIGH setpoint temperature data. Power up default is LHIGH = RHIGH = 70˚C. 1 LSB = 1˚C. Two’s
complement format.
(Read/Write Address 13h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0000
0
For RHSLB: Remote HIGH Setpoint Low Byte temperature data. Power up default is 0˚C. 1 LSB = 0.125˚C. Two’s complement
format.
2.7 LOCAL and REMOTE LOW SETPOINT REGISTERS (LLS, RLSHB, and RLSLB)
(Read Address 06h, 08h, /Write Address 0Ch, 0Eh):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
For LLS and RLSHB: HIGH setpoint temperature data. Power up default is LHIGH = RHIGH = 0˚C. 1 LSB = 1˚C. Two’s
complement format.
(Read/Write Address 14h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0000
0
For RLSLB: Remote HIGH Setpoint Low Byte temperature data. Power up default is 0˚C. 1 LSB = 0.125˚C. Two’s complement
format.
2.8 REMOTE TEMPERATURE OFFSET REGISTERS (RTOHB and RTOLB)
(Read/Write Address 11h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com