Electronic Components Datasheet Search
  English  ▼

X  

LM89CIMM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM89CIMM
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89CIMM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM89CIMM Datasheet HTML 12Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 13Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 14Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 15Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 16Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 17Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 18Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 19Page - National Semiconductor (TI) LM89CIMM Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2.0 LM89 Registers (Continued)
For RTOHB: Remote Temperature Offset High Byte. Power up default is LHIGH = RHIGH = 0˚C. 1 LSB = 1˚C. Two’s complement
format.
(Read/Write Address 12h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0000
0
For RTOLB: Remote Temperature Offset High Byte. Power up default is 0˚C. 1 LSB = 0.125˚C. Two’s complement format.
The offset value written to these registers will automatically be added to or subtracted from the remote temperature measurement
that will be reported in the Remote Temperature registers.
2.9 LOCAL and REMOTE T_CRIT REGISTERS (RCS and LCS)
(Read/Write Address 20h, 19h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
D7–D0: T_CRIT setpoint temperature data. Power up default is Local T_CRIT = 85˚C and Remote T_CRIT=110˚C. 1 LSB = 1˚C,
two’s complement format.
2.10 T_CRIT HYSTERESIS REGISTER (TH)
(Read and Write Address 21h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
16
842
1
D7–D0: T_CRIT Hysteresis temperature. Power up default is TH = 10˚C. 1 LSB = 1˚C, maximum value = 31.
2.11 FILTER and ALERT CONFIGURE REGISTER
(Read and Write Address BFh):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
00000
Filter Level
ALERT
Configure
D7-D3: is not defined defaults to "0".
D2-D1: input filter setting as defined the table below:
D2
D1
Filter Level
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
Level 2 sets maximum filtering.
D0: when set to "1" comparator mode is enabled.
2.12 MANUFACTURERS ID REGISTER
(Read Address FEh) The default value is 01h.
2.13 DIE REVISION CODE REGISTER
(Read Address FFh) The LM89 version has a default value of 31h or 49 decimal. The LM89-1 version has a default value of 34h
or 52 decimal. This register will increment by 1 every time there is a revision to the die by National Semiconductor.
3.0 Applications Hints
The LM89 can be applied easily in the same way as other
integrated-circuit temperature sensors, and its remote diode
sensing capability allows it to be used in new ways as well.
It can be soldered to a printed circuit board, and because the
path of best thermal conductivity is between the die and the
pins, its temperature will effectively be that of the printed
circuit board lands and traces soldered to the LM89’s pins.
This presumes that the ambient air temperature is almost the
same as the surface temperature of the printed circuit board;
if the air temperature is much higher or lower than the
surface temperature, the actual temperature of the LM89 die
will be at an intermediate temperature between the surface
and air temperatures. Again, the primary thermal conduction
path is through the leads, so the circuit board temperature
will contribute to the die temperature much more strongly
than will the air temperature.
To measure temperature external to the LM89’s die, use a
remote diode. This diode can be located on the die of a
target IC, allowing measurement of the IC’s temperature,
independent of the LM89’s temperature. The LM89 has been
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com