Electronic Components Datasheet Search
  English  ▼

X  

SPC11A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPC11A
Description  12KB Sound Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC11A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPC11A Datasheet HTML 1Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
P
Prre
elliim
miin
na
arry
y
SPC11A
12KB SOUND CONTROLLER
1. GENERAL DESCRIPTION
The SPC11A, a two-channel speech/melody synthesizer, equips
an 8-bit CMOS microprocessor with 69 instructions, 12K-byte
ROM for speech and melody data (speech compressed by a 4-bit
ADPCM with approx. three seconds speech duration @ 6.0KHz
sampling rate) and 64-byte working SRAM.
Other primary
features include two Timer/Counters, 8 Software Selectable I/Os,
and one 8-bit current D/A output. In audio processing, melody
and speech can be mixed into one output. It operates at a wide
voltage range of 2.4V - 5.5V with a Low Voltage Reset function
that automatically resets CPU when operating voltage is less than
1.3V/2.7V. Plus, a Clock Stop mode is built in for power savings.
The unique power saving mode saves the RAM contents, but
freezes the oscillator to stop executing other functions.
The
maximum CPU frequency can run up to 6.0MHz and the
instruction cycle is two clock cycles (min.) ~ six clock cycles
(max.). The SPC11A loads, not only the latest technology, but
also the full commitment and technical support of Sunplus.
2. BLOCK DIAGRAM
8-bit
12K-byte
ROM
64-byte
SRAM
INT control
8
PINS
GENERAL
I/O
PORT
IOC7-6,IOC2-1
(I/O)
AUD
Two Timers
TimeBase
microprocessor
Two
8-bit D/A
(current)
ROSC
Low
Voltage
Reset
CLK
OSC
IOD7-6,IOD1-0
(I/O)
3. FEATURES
!
8-bit microprocessor
!
12K-byte ROM for program and audio data
!
64-byte working SRAM
!
Software-based audio processing
!
Wide operating voltage: 2.4V - 5.5V @ 4.0MHz
3.6V - 5.5V @ 6.0MHz
!
Supports ROSC only
!
Max. CPU clock: 4.0MHz @ 3.0V, 6.0MHz @ 5.0V
!
Standby mode (Clock Stop mode) for power savings.
Max. 2
µA @ 5.0V
!
500ns instruction cycle time @ 4.0MHz CPU clock
!
Eight general I/Os
!
Two 12-bit timer/counters
!
Six INT sources
!
Key wake -up function
!
Approx. 3-sec speech @ 6.0KHz sampling rate with ADPCM
!
One D/A output
!
Low Voltage Reset
4. APPLICATION FIELD
!
Intelligent education toys
Ex. Pattern to voice (animal, car, color, etc.)
Spelling (English or Chinese)
Math
!
Advanced toy controller
!
General speech synthesizer
!
Industrial controller
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
3
JUL. 09, 2001
Preliminary Version: 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com