Electronic Components Datasheet Search
  English  ▼

X  

SPC11A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SPC11A
Description  12KB Sound Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC11A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SPC11A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
P
Prre
elliim
miin
na
arry
y
SPC11A
6.9. Speech and Melody
Since the SPC11A provides a large ROM and wide range of CPU
operating speeds, it is the most suitable device for speech and
melody synthesis.
In speech synthesis, the SPC11A can use NMI for accurate
sampling frequency. The user can store the speech data in ROM
and play it back with realistic sound quality. Several algorithms
are recommended for high fidelity and compression of sound:
PCM, LOG PCM, and ADPCM.
In melody synthesis, the SPC11A provides a dual tone mode to
obtain melodious music. After selecting the dual tone mode, the
user only needs to program either TMA or TMB, or both TMA and
TMB to generate expected frequency for each channel.
The
hardware will toggle the tone wave automatically without entering
into an interrupt service routine. The user can create musical
instruments or sound effects by simply controlling the envelope of
tone output.
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
7
JUL. 09, 2001
Preliminary Version: 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com