Electronic Components Datasheet Search
  English  ▼

X  

SPC11A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SPC11A
Description  12KB Sound Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC11A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SPC11A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 11Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 12Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 13Page - List of Unclassifed Manufacturers SPC11A Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
P
Prre
elliim
miin
na
arry
y
SPC11A
9. PACKAGE/PAD LOCATIONS
9.1. PAD Assignment
Chip Size: 1370
µm x 1280µm
This IC substrate should be connected to VSS
Note1: Chip size included scribe line.
Note2: The 0.1
µF capacitor between VDD and VSS should be placed to IC as close as possible.
9.2. Ordering Information
Product Number
Package Type
SPC11A-nnnnV-C
Chip form
Note1: Code number (nnnnV) is assigned for customer.
Note2: Code number (nnnn = 0000 - 9999); version (A = A - Z).
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
11
JUL. 09, 2001
Preliminary Version: 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com