Electronic Components Datasheet Search
  English  ▼

X  

PS7360 Datasheet(PDF) 3 Page - NEC

Part # PS7360
Description  HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7360 Datasheet(HTML) 3 Page - NEC

  PS7360 Datasheet HTML 1Page - NEC PS7360 Datasheet HTML 2Page - NEC PS7360 Datasheet HTML 3Page - NEC PS7360 Datasheet HTML 4Page - NEC PS7360 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Ambient Temperature, TA (
°C)
NORMALIZED ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
MAXIMUM LOAD CURRENT
vs. AMBIENT TEMPERATURE
On-State Resistance, RON (
Ω)
ON-STATE DISTRIBUTION
Supply Voltage, VCC (V)
Ambient Temperature, TA (
°C)
OUTPUT CAPACITANCE
vs. SUPPLY VOLTAGE
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7360-1A, PS7360L-1A
100
80
60
40
20
0
025
-25
50
75
80
100
150
100
50
25
75
125
0
025
-25
50
75
80
100
200
250
150
100
50
0
20
40
60
80
100
120
f = 1 MHz
Normalized to 1.0
at TA = 25
°C
IF = 5 mA
IL = 1 mA
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
0
25
50
75
100
30
25
15
20
10
5
0
40
41
n = 50 pcs
IF = 5 mA
IL = 1 mA
1.6
1.4
1.2
1.0
0.8
025
-25
50
75
100
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com