Electronic Components Datasheet Search
  English  ▼

X  

PS7360 Datasheet(PDF) 5 Page - NEC

Part # PS7360
Description  HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7360 Datasheet(HTML) 5 Page - NEC

  PS7360 Datasheet HTML 1Page - NEC PS7360 Datasheet HTML 2Page - NEC PS7360 Datasheet HTML 3Page - NEC PS7360 Datasheet HTML 4Page - NEC PS7360 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NORMALIZED TURN-ON TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
NORMALIZED TURN-OFF TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7360-1A, PS7360L-1A
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (REEL)
Notes:
1. Packaging : 1000 pcs/reel
OUTLINE AND DIMENSIONS (TAPE)
TAPING DIRECTION
PS7360L-1A-E3
PS7360L-1A-E4
4.0
± 0.1
2.0
± 0.1
1.55
± 0.1
1.55
± 0.1
10.7
± 0.1
4.3
± 0.2
0.3
12.0
± 0.1
2.0
± 0.5
φ13.0 ± 0.5
φ21.0 ± 0.8
R 1.0
16.4
+2.0
- 0.0
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VL = 5 V
RL = 500
Ω
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VL = 5 V
RL = 500
Ω
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
0
25
50
75
100
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -4/99
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com