Electronic Components Datasheet Search
  English  ▼

X  

PS7360 Datasheet(PDF) 4 Page - NEC

Part # PS7360
Description  HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7360 Datasheet(HTML) 4 Page - NEC

  PS7360 Datasheet HTML 1Page - NEC PS7360 Datasheet HTML 2Page - NEC PS7360 Datasheet HTML 3Page - NEC PS7360 Datasheet HTML 4Page - NEC PS7360 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OFF-STATE LEAKAGE CURRENT
vs. SUPPLY VOLTAGE
Supply Voltage, VCC (V)
Turn-on Time, tON (ms)
TURN-ON TIME DISTRIBUTION
Forward Current, IF (mA)
TURN-ON TIME
vs. FORWARD CURRENT
LOAD CURRENT vs.
LOAD VOLTAGE
Load Voltage, VL (V)
Forward Current, IF (mA)
TURN-OFF TIME
vs. FORWARD CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7360-1A, PS7360L-1A
Turn-off Time, tOFF (ms)
TURN-OFF TIME DISTRIBUTION
30
25
15
20
10
5
0
0.5
0.6
n = 50 pcs
IF = 10 mA
VL = 5 V
RL = 500
Ω
30
25
15
20
10
5
0
0.03
0.05
n = 50 pcs
IF = 10 mA
VL = 5 V
RL = 500
Ω
0
100
200
300
400
500
600
10
-11
10
-10
10
-9
10
-8
10
-7
10
-5
10
-6
TA = 80
°C
TA = 25
°C
-100
-150
150
-2.0
-4.0
4.0
2.0
-50
50
100
0
IF = 5 mA
IF = 10 mA
VL = 5 V
RL = 500
Ω
8.0
6.0
4.0
2.0
0
10
20
30
40
IF = 10 mA
VL = 5 V
RL = 500
Ω
0.5
0.4
0.3
0.1
0.2
0
10
20
30
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com