Electronic Components Datasheet Search
  English  ▼

X  

AST54S Datasheet(PDF) 19 Page - Advanced Semiconductor Business Inc.

Part # AST54S
Description  High Gain, Low Noise Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST54S Datasheet(HTML) 19 Page - Advanced Semiconductor Business Inc.

Back Button AST54S Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 23Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AST54S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1MHz.
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
CATV (50
), FM
50 ~ 1000 MHz
+5 V
Board Layout (FR4, 28x16 mm2, 0.8T)
Bottom
Top
Parameter
Symbol
Unit
Frequency (MHz)
50
500
860
Power Gain
Gp
dB
20
19
18
Noise Figure
NF
dB
1.00
1.05
1.10
Input Return Loss
RLin
dB
-18
-12
-16
Output Return Loss
RLout
dB
-9
-12
-18
1 dB Gain Compression
Output Power
Po(1dB)
dBm
15
17
16
3rd Intercept Point
Output Power1)
OIP3
dBm
26
29
28
Circuit Current
Id
mA
40
40
40
0
200
400
600
800
1000
0
5
10
15
20
25
Frequency (MHz)
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
0
1
2
3
4
5
Frequency (MHz)
C1=1 nF
C2=1 nF
RF OUT
AST54S
C4=1 nF
RF IN
L2=330 nH
R1=820
C5=1 uF
VDD
R2=5.1 k
L1=330 nH
R3=43
C3=2.2 pF
L3=4.7 nH
R3=510
C6=1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com