Electronic Components Datasheet Search
  English  ▼

X  

AST54S Datasheet(PDF) 24 Page - Advanced Semiconductor Business Inc.

Part # AST54S
Description  High Gain, Low Noise Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST54S Datasheet(HTML) 24 Page - Advanced Semiconductor Business Inc.

Back Button AST54S Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 23Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 24Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 25Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 26Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AST54S
High Gain, Low Noise Amplifier
0
25
50
75
100
125
150
175
200
Frequency (MHz)
0
5
10
15
20
25
30
0
25
50
75
100
125
150
175
200
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1MHz.
Schematic
S-parameters
APPLICATION CIRCUIT
FM
88 ~ 108 MHz
+5 V
Board Layout (FR4, 28x16 mm2, 0.8T)
Bottom
Top
Parameter
Symbol
Unit
Frequency (MHz)
88
108
Power Gain
Gp
dB
22.3
22.3
Noise Figure
NF
dB
0.65
0.7
Input Return Loss
RLin
dB
-10
-10
Output Return Loss
RLout
dB
-18
-18
1 dB Gain Compression
Output Power
Po(1dB)
dBm
12
12
3rd Intercept Point
Output Power1)
OIP3
dBm
23
23
Circuit Current
Id
mA
24
24
0
25
50
75
100
125
150
175
200
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com