Electronic Components Datasheet Search
  English  ▼

X  

LAH-25-NP Datasheet(PDF) 2 Page - LEM

Part # LAH-25-NP
Description  Current Transducer LAH 25-NP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAH-25-NP Datasheet(HTML) 2 Page - LEM

  LAH-25-NP Datasheet HTML 1Page - LEM LAH-25-NP Datasheet HTML 2Page - LEM LAH-25-NP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2/3
24February2017/Version 9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Current Transducer LAH 25-NP
Insulation coordination
U
d
RMS voltage for AC insulation test, 50 Hz, 1 min 5
kV
Û
W
Impulse withstand voltage 1.2/50 μs
12
kV
U
e
Partial discharge extinction RMS voltage @10 pC > 2
kV
Min
d
Cp
Creepage distance 1)
12
mm
d
CI
Clearance 1)
12
mm
CTI
Comparative tracking index (group IIIa)
175
Note: 1) On PCB with soldering pattern UTEC93-703.
Applications examples
According to EN 50178 and IEC 61010-1 standards and following conditions:
● Over voltage category OV 3
● Pollution degree PD2
● Non-uniform field
EN 50178
IEC 61010-1
d
Cp, dCI, ÛW
Rated insulation voltage
Nominal voltage
Basic insulation
1000 V
1000 V
Reinforced insulation
500 V
500 V
Safety
This transducer must be used in limited-energy secondary circuits according to
IEC 61010-1.
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the
manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (e.g. primary busbar, power supply). Ignoring this warning can lead to injury
and/or cause serious damage.
This transducer is a build-in device, whose conducting parts must be inaccessible
after installation. A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com