Electronic Components Datasheet Search
  English  ▼

X  

LAH-25-NP Datasheet(PDF) 1 Page - LEM

Part # LAH-25-NP
Description  Current Transducer LAH 25-NP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAH-25-NP Datasheet(HTML) 1 Page - LEM

  LAH-25-NP Datasheet HTML 1Page - LEM LAH-25-NP Datasheet HTML 2Page - LEM LAH-25-NP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
24February2017/Version 9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
N° 97.34.19.000.0
Current Transducer LAH 25-NP
For the electronic measurement of currents: DC, AC, pulsed...,
with galvanic separation between the primary circuit and the secondary
circuit.
Electrical data
I
P N
Primary nominal RMS current
25
At
I
P M
Primary current, measuring range 1)
0 … ±55
At
R
M
Measuring resistance @ 2)
T
A = 70 °C
T
A = 85 °C
R
M min RM max
R
M min RM max
with ±12 V
@ I
P N [±At DC]
0
284
0
280 Ω
@ I
P N [At RMS]
3)
0
182
0
178 Ω
with ±15 V
@ I
P N [±At DC]
67
398
70
394 Ω
@ I
P N [At RMS]
3)
67
263
70
259 Ω
@ I
P < IP N
4)
I
S N
Secondary nominal RMS current
25
mA
K
N
Conversion ratio
1-2-3 : 1000
U
C
Supply voltage (±5 %)
±12 … 15
V
I
C
Current consumption
10 (@ ±15 V) +I
S
mA
Accuracy - Dynamic performance data
X
Accuracy 5) @ I
P N, TA = 25 °C
±0.3
%
ε
L
Linearity error
< 0.2
%
Typ Max
I
O
Offset current @ I
P = 0, TA = 25 °C
±0.15
mA
I
O M
Magnetic offset current @ I
P = 0,
and specified R
M, after an overload of 5 × IP N
±0.20 ±0.25
mA
I
O T
Temperature variation of I
O 0 °C … +70 °C
±0.10 ±0.60
mA
−25 °C … +85 °C
±0.10 ±0.70
mA
t
ra
Reaction time to 10 % of I
P N
< 200
ns
t
r
Step response time 6) to 90 % of I
P N
< 500
ns
BW
Frequency bandwidth (−1 dB)
DC … 200
kHz
General data
T
A
Ambient operating temperature
−25 … +85
°C
T
S
Ambient storage temperature
−40 … +90
°C
R
S
Resistance of secondary winding @ T
A = 70 °C
72
Ω
@ T
A = 85 °C
76
Ω
m
Mass
20
g
Standards
EN 50178: 1997
Notes: 1) During 10 s, with R
M ≤ 109 Ω (UC = ±15 V)
2)
Calculation of R
M min with the maximum power of the transistors = 0.307 W
@ 70 °C and the maximum power of the transistors = 0.302 W @ 85 °C
3)
Sinusoidal wave 50 Hz
4)
The minimum measuring resistance R
M may be lower
(see “LAH technical information” leaflet)
5)
Without I
O & IO M
6)
With a di/dt of 100 A/µs.
I
P N =
8-12-25 A
Features
● Closed loop (compensated) multi-
range current transducer using
the Hall effect
● Printed circuit board mounting
● Insulating plastic case recognized
according to UL 94-V0.
Advantages
● Excellent accuracy
● Very good linearity
● Low temperature drift
● Optimized response time
● No insertion losses
● High immunity to external
interference
● Current overload capability.
Applications
● AC variable speed drives and
servo motor drives
● Static converters for DC motor
drives
● Battery supplied applications
● Uninterruptible Power Supplies
(UPS)
● Switched Mode Power Supplies
(SMPS)
● Power supplies for welding
applications.
Application domain
● Industrial.


Similar Part No. - LAH-25-NP

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LAH04-10-000A SENSATA-LAH04-10-000A Datasheet
148Kb / 2P
CYLINDRICAL HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
logo
LEM
LAH100-P LEM-LAH100-P Datasheet
42Kb / 2P
Current Transducer LAH 100-P
LAH100-P LEM-LAH100-P Datasheet
353Kb / 2P
Current Transducer
LAH100-P LEM-LAH100-P_06 Datasheet
353Kb / 2P
Current Transducer
LAH100-P LEM-LAH100-P_07 Datasheet
318Kb / 3P
Current Transducer
More results

Similar Description - LAH-25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
Current Transducer LA 25-NP
LA25-NPSP7 LEM-LA25-NPSP7 Datasheet
73Kb / 2P
Current Transducer LA 25-NP/SP7
LA25-NPSP11 LEM-LA25-NPSP11 Datasheet
74Kb / 2P
Current Transducer LA 25-NP/SP11
LA25-NPSP14 LEM-LA25-NPSP14 Datasheet
72Kb / 2P
Current Transducer LA 25-NP/SP14
LAH25-NP LEM-LAH25-NP Datasheet
222Kb / 2P
Current Transducer LAH 25-NP
LAH50-P LEM-LAH50-P Datasheet
219Kb / 2P
Current Transducer LAH 50-P
LAH100-P LEM-LAH100-P Datasheet
42Kb / 2P
Current Transducer LAH 100-P
LA25-NP14 LEM-LA25-NP14 Datasheet
80Kb / 2P
Current Transducer LA 25-NP/SP14
LTSR-6-NP LEM-LTSR-6-NP Datasheet
469Kb / 3P
Current Transducer LTSR 6-NP
HXS20-NP LEM-HXS20-NP_V01 Datasheet
543Kb / 3P
Current Transducer HXS 20-NP
18December2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com