Electronic Components Datasheet Search
  English  ▼

X  

LAH-25-NP Datasheet(PDF) 3 Page - LEM

Part # LAH-25-NP
Description  Current Transducer LAH 25-NP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAH-25-NP Datasheet(HTML) 3 Page - LEM

  LAH-25-NP Datasheet HTML 1Page - LEM LAH-25-NP Datasheet HTML 2Page - LEM LAH-25-NP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3/3
24February2017/Version 9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Dimensions LAH 25-NP (in mm)
Mechanical characteristics
● General tolerance
±0.2 mm
● Fastening & connection of primary
6 pins 1 mm × 0.8 mm
Recommended PCB hole
1.5 mm
● Fastening & connection of secondary 3 pins 0.7 mm × 0.6 mm
Recommended PCB hole
1.2 mm
Connection
Remarks
● I
S is positive when IP flows from terminals 1, 2, 3 (IN) to
terminals 6, 5, 4 (OUT).
● The jumper temperature and PCB should not exceed
100 °C.
● This is a standard model. For different versions (supply
voltages, turns ratio, unidirectional measurements...),
please contact us.
U
C
R
M
U
C
0 V
I
s
d
CI
d
Cp
I
P
U
C
R
M
U
C
0 V
I
s
d
CI
d
Cp
I
P
Number of
primary turns
Primary current
nominal
I
P N [ A ]
Primary current
maximum
I
P [ A ]
Nominal output
current
I
S N [ mA ]
Turns
ratio
K
N
Primary
resistance
R
P [ mΩ ]
Primary insertion
inductance
L
P [ µH ]
Recommended
PCB connections
1
25
55
25
1 : 1000
0.18
0.012
3
2
1
IN
OUT
4
5
6
2
12
27
24
2 : 1000
0.81
0.054
3
2
1
IN
OUT
4
5
6
3
8
18
24
3 : 1000
1.62
0.110
3
2
1
IN
OUT
4
5
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com