Electronic Components Datasheet Search
  English  ▼

X  

S8333 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8333
Description  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8333 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8333 Datasheet HTML 4Page - Seiko Instruments Inc S8333 Datasheet HTML 5Page - Seiko Instruments Inc S8333 Datasheet HTML 6Page - Seiko Instruments Inc S8333 Datasheet HTML 7Page - Seiko Instruments Inc S8333 Datasheet HTML 8Page - Seiko Instruments Inc S8333 Datasheet HTML 9Page - Seiko Instruments Inc S8333 Datasheet HTML 10Page - Seiko Instruments Inc S8333 Datasheet HTML 11Page - Seiko Instruments Inc S8333 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
8
External Parts When Measuring Electrical Characteristics
Table 5 External Parts
Element Name
Symbol
Manufacturer
Part Number
Inductor
L
TDK Corporation
LDR655312T 10
μH
Diode
SD
Rohm Co., Ltd.
RB491D
Output capacitor
CL
⎯
Ceramic 10
μF
Transistor
M1
Sanyo Electric Co., Ltd.
MCH3406
Oscillation frequency setting resistor
ROSC
⎯
200 k
Ω (when fOSC = 650 kHz)
Maximum duty ratio setting resistor
RDuty
⎯
300 k
Ω (when MaxDuty = 73%)
Short-circuit protection delay time
setting capacitor
CSP
⎯
0.1
μF (when tPRO = 50 ms)
Output voltage setting resistor 1
RFB1
⎯
8.2 k
Ω (when VOUT = 9.2 V)
Output voltage setting resistor 2
RFB2
⎯
1.0 k
Ω (when VOUT = 9.2 V)
FB pin capacitor
CFB
⎯
180 pF
Phase compensation resistor
RZ
⎯
200 k
Ω
Phase compensation capacitor
CZ
⎯
0.01
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com