Electronic Components Datasheet Search
  English  ▼

X  

S8333 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8333
Description  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8333 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8333 Datasheet HTML 1Page - Seiko Instruments Inc S8333 Datasheet HTML 2Page - Seiko Instruments Inc S8333 Datasheet HTML 3Page - Seiko Instruments Inc S8333 Datasheet HTML 4Page - Seiko Instruments Inc S8333 Datasheet HTML 5Page - Seiko Instruments Inc S8333 Datasheet HTML 6Page - Seiko Instruments Inc S8333 Datasheet HTML 7Page - Seiko Instruments Inc S8333 Datasheet HTML 8Page - Seiko Instruments Inc S8333 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
S-8333 Series
www.sii-ic.com
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL,
PWM CONTROL SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2004-2015
Rev.4.2_01
1
The S-8333 Series is a CMOS step-up switching regulator which mainly consists of a reference voltage circuit, an oscillator,
an error amplifier, a PWM controller, an under voltage lockout circuit (UVLO), and a timer latch short-circuit protection
circuit. Because its minimum operating voltage is as low as 1.8 V, this switching regulator is ideal for the power supply of
an LCD or for portable systems that operate on a low voltage. The internal oscillation frequency can be set up to 1.08 MHz,
via the resistor connected to the ROSC pin.
The maximum duty ratio of PWM control can be controlled by the resistor connected to the RDuty pin. The soft-start
function at power application is accomplished by combining the reference voltage control and maximum duty control
methods. Even if the voltage of the FB pin is retained lower than the reference voltage due to the factor outside the IC, the
output voltage is raised by controlling the maximum duty. The phase compensation and gain value can be adjusted
according to the values of the resistor and capacitor connected to the CC pin. Therefore, the operation stability and
transient response can be correctly set for each application. The reference voltage accuracy is as high as 1.0 V
±1.5%, and
any voltage can be output by using an external output voltage setting resistor.
In addition, the delay time of the short-circuit protection circuit can be set by using the capacitor connected to the CSP pin.
If the maximum duty condition continues because of short-circuiting, the capacitor externally connected to the CSP pin is
charged, and oscillation stops after a specific time. The short-circuit protection function is cancelled when the power supply
is raised to the UVLO release voltage after it has been lowered to the UVLO detection voltage. A ceramic capacitor or a
tantalum capacitor is used as the output capacitor, depending on the setting. This controller IC allows various settings and
selections and employs a small package, making it very easy to use.
Features
• Low voltage operation:
1.8 V to 6.0 V
• Oscillation frequency:
280 kHz to 1.08 MHz (selectable by external resistor)
• Maximum duty:
Settable up to 88.5% by external resistor
47 to 88.5% (oscillation frequency; 500 kHz or more)
47 to 80% (oscillation frequency; less than 500 kHz)
• Reference voltage:
1.0 V
±1.5%
• Range of operation temperature: −40 to +85°C
• UVLO (under-voltage lockout) function:
Detection voltage can be selected from between 1.5 V and 2.3 V in 0.1 V step.
Hysteresis width can be selected from between 0.1 V and 0.3 V in 0.1 V step.
• Timer latch short-circuit protection circuit:
Delay time can be set using an external capacitor.
• Soft-start function:
Soft-start time can be selected in three steps, 10 ms, 15 ms, and 20 ms.
Both reference voltage control and maximum duty control methods are applied
• Phase compensation external setting:
Control is possible via the resistor connected between the CC and GND pins
and capacitor
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for LCDs and CCDs
• Power supplies for portable equipment
Packages
• SNT-8A
• 8-Pin TSSOP


Similar Part No. - S8333

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8333 SATCO-S8333 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
More results

Similar Description - S8333

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
3-Channel PWM Controller for LCD Bias
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
2-Channel PWM Controller for LCD Bias
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8337 SII-S8337 Datasheet
2Mb / 51P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com