Electronic Components Datasheet Search
  English  ▼

X  

S8333 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8333
Description  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8333 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8333 Datasheet HTML 9Page - Seiko Instruments Inc S8333 Datasheet HTML 10Page - Seiko Instruments Inc S8333 Datasheet HTML 11Page - Seiko Instruments Inc S8333 Datasheet HTML 12Page - Seiko Instruments Inc S8333 Datasheet HTML 13Page - Seiko Instruments Inc S8333 Datasheet HTML 14Page - Seiko Instruments Inc S8333 Datasheet HTML 15Page - Seiko Instruments Inc S8333 Datasheet HTML 16Page - Seiko Instruments Inc S8333 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_01
S-8333 Series
13
5. Error amplifier
The error amplifier outputs the PWM control signal so that the voltage of the FB pin is held at a specific value
(1 V). By connecting a resistor (RZ) and capacitor (CZ) to the output pin (CC pin) of the error amplifier in series,
an optional loop gain can be set, enabling stabilized phase compensation.
6. Operation
The following are basic equations [(1) through (7)] of the step-up switching regulator (refer to Figure 10).
D
L
CL
M1
FB
CONT
VIN
EXT
VSS
VOUT
Figure 10 Step-up Switching Regulator Circuit for Basic Equations
Voltage at the CONT pin at the moment M1 is turned ON (current IL flowing through L is zero), VA:
VA
= VS*1 .................................................................................................................................................(1)
*1.
VS: Non-saturated voltage of M1
Change in IL over time:
L
V
V
L
V
dt
dl
S
IN
L
L
−
=
=
.............................................................................................................................(2)
Integration of the above equation:
t
L
V
V
I
S
IN
L
×
−
=
.................................................................................................................................. (3)
IL flows while M1 is ON (ton). This time is determined by the oscillation frequency of OSC.
Peak current (IPK) after tON:
ON
S
IN
PK
t
L
V
V
I
×
−
=
........................................................................................................................... (4)
The energy stored in L is represented by
1
2× L (IPK)
2.
When M1 is turned OFF (tOFF), the energy stored in L is released via a diode, generating a reverse voltage (VL).
VL:
(
)
IN
2
*
D
OUT
L
V
V
V
V
−
+
=
......................................................................................................................... (5)
*2.
VD: Diode forward voltage
The voltage on the CONT pin rises only by VOUT
+ VD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com