Electronic Components Datasheet Search
  English  ▼

X  

S8821 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S8821 Datasheet HTML 16Page - Seiko Instruments Inc S8821 Datasheet HTML 17Page - Seiko Instruments Inc S8821 Datasheet HTML 18Page - Seiko Instruments Inc S8821 Datasheet HTML 19Page - Seiko Instruments Inc S8821 Datasheet HTML 20Page - Seiko Instruments Inc S8821 Datasheet HTML 21Page - Seiko Instruments Inc S8821 Datasheet HTML 22Page - Seiko Instruments Inc S8821 Datasheet HTML 23Page - Seiko Instruments Inc S8821 Datasheet HTML 24Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
SII Semiconductor Corporation
No.
TITLE
UNIT
ANGLE
mm
SNT-8A-A
-Land Recommendation
PH008-A-L-SD-4.1
0.3
0.2
0.52
2.01
0.52
No. PH008-A-L-SD-4.1
Caution 1. Do not do silkscreen printing and solder printing under the mold resin of the package.
2. The thickness of the solder resist on the wire pattern under the package should be 0.03 mm
or less from the land pattern surface.
3. Match the mask aperture size and aperture position with the land pattern.
4. Refer to "SNT Package User's Guide" for details.
1.
(0.25 mm min. / 0.30 mm typ.)
2.
(1.96 mm ~ 2.06 mm)
1.
2.
0.03 mm
3.
4.
SNT
1. Pay attention to the land pattern width (0.25 mm min. / 0.30 mm typ.).
2. Do not widen the land pattern to the center of the package (1.96 mm to 2.06mm).
1
2
1.
2.
(1.96 mm ~ 2.06 mm)
(0.25 mm min. / 0.30 mm typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com