Electronic Components Datasheet Search
  English  ▼

X  

S8821 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S8821 Datasheet HTML 10Page - Seiko Instruments Inc S8821 Datasheet HTML 11Page - Seiko Instruments Inc S8821 Datasheet HTML 12Page - Seiko Instruments Inc S8821 Datasheet HTML 13Page - Seiko Instruments Inc S8821 Datasheet HTML 14Page - Seiko Instruments Inc S8821 Datasheet HTML 15Page - Seiko Instruments Inc S8821 Datasheet HTML 16Page - Seiko Instruments Inc S8821 Datasheet HTML 17Page - Seiko Instruments Inc S8821 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
S-8821 Series
Rev.5.1_02
14
Characteristics (Typical Data)
(1) Output voltage vs. Operation input voltage
S-882133A
S-882150A
IOUT=10 mA, Ta=25°C
IOUT=10 mA, Ta=25°C
1.5 2.0
2.5 3.0
3.5
5.5
3.15
3.10
3.50
3.20
3.25
3.35
3.30
3.40
3.45
4.0 4.5
5.0
1.5
2.5
3.0 3.5
5.5
4.80
4.70
5.30
5.20
5.10
5.00
4.90
2.0
4.0
4.5
5.0
VIN [V]
VIN [V]
(2) Output voltage vs. Output current
S-882133A
S-882150A
VIN=2.0 V, Ta=25°C
VIN=3.0 V, Ta=25°C
0
5
10
20
30
3.15
3.10
3.50
3.40
3.35
3.30
3.25
3.20
25
15
3.45
0
10
15
20
30
4.70
5.30
5.20
5.10
5.00
4.90
4.80
5
25
IOUT [mA]
IOUT [mA]
(3) Operation consumption vs. Operation input voltage
S-882133A
S-882150A
Ta=25°C
Ta=25°C
1.5
3.5
4.0
5.5
15
10
50
40
35
30
25
20
5.0
4.5
45
2.0 2.5
3.0
1.5
2.5
5.5
10
50
35
30
20
3.5
40
25
45
15
3.0
4.0
2.0
4.5 5.0
VIN [V]
VIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com