Electronic Components Datasheet Search
  English  ▼

X  

S8821 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8821 Datasheet HTML 7Page - Seiko Instruments Inc S8821 Datasheet HTML 8Page - Seiko Instruments Inc S8821 Datasheet HTML 9Page - Seiko Instruments Inc S8821 Datasheet HTML 10Page - Seiko Instruments Inc S8821 Datasheet HTML 11Page - Seiko Instruments Inc S8821 Datasheet HTML 12Page - Seiko Instruments Inc S8821 Datasheet HTML 13Page - Seiko Instruments Inc S8821 Datasheet HTML 14Page - Seiko Instruments Inc S8821 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_02
S-8821 Series
11
3. Shutdown Pin (ON/OFF Pin)
Setting the ON/OFF pin to the Low level ("L") causes the voltage of the VOUT pin to change to the GND
level and simultaneously the operation of all the internal circuit to stop. At this time, the consumption
current is largely reduced, to a level of approximately 0.3
μA.
The structure of the ON/OFF pin is as shown in Figure 10. Since the ON/OFF pin is neither pulled
down nor pulled up internally, do not use it in the floating state.
When the ON/OFF pin is not used, connect it to the VIN pin.
Table 6
ON/OFF pin
Internal circuit
VOUT pin voltage
“H”: Power on
Operating
Set value
“L”: Power off
Stop
VGND level
GND
ON/OFF
VIN
VIN
Figure 10
4. Soft Start Function
The S-8821 Series features a built-in soft start circuit. Upon power application or when the
OFF
ON/
pin
is switched from "L" to "H", the output voltage gradually rises over the soft start time, and the output
current is gradually output as a result. This soft start function reduces the input current rush.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com