Electronic Components Datasheet Search
  English  ▼

X  

S35740 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S35740
Description  FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35740 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S35740 Datasheet HTML 17Page - Seiko Instruments Inc S35740 Datasheet HTML 18Page - Seiko Instruments Inc S35740 Datasheet HTML 19Page - Seiko Instruments Inc S35740 Datasheet HTML 20Page - Seiko Instruments Inc S35740 Datasheet HTML 21Page - Seiko Instruments Inc S35740 Datasheet HTML 22Page - Seiko Instruments Inc S35740 Datasheet HTML 23Page - Seiko Instruments Inc S35740 Datasheet HTML 24Page - Seiko Instruments Inc S35740 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
Rev.1.1_00
S-35740 Series
21
Power-on Detection Circuit
In order for the power-on detection circuit to operate normally, raise the power supply voltage of the IC from 0.2 V or
lower so that it reaches 1.8 V of the operation power supply voltage minimum value within 10 ms, as shown in Figure 27.
Within 10 ms
1.8 V
(Operation power
supply voltage min.)
0 V
*1
0.2 V or lower
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35740 Series.
Figure 27 How to Raise the Power Supply Voltage
If the power supply voltage of the S-35740 Series cannot be raised under the above conditions, the power-on detection
circuit may not operate normally and an oscillation may not start. In such case, perform the operations shown in
"1. When power supply voltage is raised at ENBL pin = "L" " and "2. When power supply voltage is raised at
ENBL pin = "H" ".
1. When power supply voltage is raised at ENBL pin = "L"
Set the ENBL pin to "L" until the power supply voltage reaches 1.8 V or higher. While the ENBL pin is set to "L", the
oscillation start signal becomes "H", and the crystal oscillation circuit normally oscillates. If the ENBL pin is set to "H"
after the power supply voltage reaches 1.8 V, the oscillation start signal becomes "L" within 500 ms, and the
oscillation status is maintained.
The current consumption increases to 1.7
μA typ. while the ENBL pin is set to "L".
0.2 V or lower
0 V*1
ENBL pin input
Oscillation start signal
Crystal oscillation
circuit output
10 ms
Oscillation start signal "H"
"L"
within 500 ms
1.8 V
(Operation power supply voltage min.)
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35740 Series.
Figure 28 When Power Supply Voltage is Raised at ENBL Pin = "L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com