Electronic Components Datasheet Search
  English  ▼

X  

S35740 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S35740
Description  FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35740 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S35740 Datasheet HTML 7Page - Seiko Instruments Inc S35740 Datasheet HTML 8Page - Seiko Instruments Inc S35740 Datasheet HTML 9Page - Seiko Instruments Inc S35740 Datasheet HTML 10Page - Seiko Instruments Inc S35740 Datasheet HTML 11Page - Seiko Instruments Inc S35740 Datasheet HTML 12Page - Seiko Instruments Inc S35740 Datasheet HTML 13Page - Seiko Instruments Inc S35740 Datasheet HTML 14Page - Seiko Instruments Inc S35740 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
Rev.1.1_00
S-35740 Series
11
INT Pin Fixed-cycle Interrupt Signal Output
1. Frequency and duty ratio
The frequency and duty ratio of the fixed-cycle interrupt signal output is set in the fixed-cycle interrupt signal setting
register. By setting "1" to each bit of the fixed-cycle interrupt signal setting register, the frequency corresponding to
each bit (1 Hz to 1.024 kHz) is output depending on NAND logic, and the frequency and the duty ratio are changed.
The example of the fixed-cycle Interrupt signal output when 512 Hz = "1", 256 Hz = "1", 128 Hz = "1", 64 Hz = "1"
and others = "0" is shown below.
When all bits of the fixed-cycle interrupt signal setting register are "0", the INT pin outputs are fixed to Nch
open-drain output = "H" or CMOS output = "L".
Remark The above description is the example of Nch open-drain output product.
In CMOS output product, the frequency corresponding to each bit (1 Hz to 1.024 kHz) is output depending
on AND logic.
1.024 kHz
512 Hz
256 Hz
128 Hz
64 Hz
32 Hz
INT
0.98 ms
15.6 ms
Figure 11 Example of Fixed-cycle Interrupt Signal Output (Nch Open-drain output)
1.024 kHz
512 Hz
256 Hz
128 Hz
64 Hz
32 Hz
0.98 ms
15.6 ms
INT
Figure 12 Example of Fixed-cycle Interrupt Signal Output (CMOS output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com