Electronic Components Datasheet Search
  English  ▼

X  

S35740 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S35740
Description  FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35740 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S35740 Datasheet HTML 9Page - Seiko Instruments Inc S35740 Datasheet HTML 10Page - Seiko Instruments Inc S35740 Datasheet HTML 11Page - Seiko Instruments Inc S35740 Datasheet HTML 12Page - Seiko Instruments Inc S35740 Datasheet HTML 13Page - Seiko Instruments Inc S35740 Datasheet HTML 14Page - Seiko Instruments Inc S35740 Datasheet HTML 15Page - Seiko Instruments Inc S35740 Datasheet HTML 16Page - Seiko Instruments Inc S35740 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
Rev.1.1_00
S-35740 Series
13
3. Write operation of fixed-cycle interrupt signal setting register and INT pin clock pulse output
Even if the write operation of the fixed-cycle interrupt signal setting register is performed when the INT pin does not
output the fixed-cycle interrupt signal, the INT pin maintains Nch open-drain output = "L" or CMOS output = "H".
Therefore, when the ENBL pin is set to "H", the INT pin outputs the fixed-cycle interrupt signal according to the value
written to the fixed-cycle interrupt signal setting register immediately before the setting.
The divider is reset if the write operation of the fixed-cycle interrupt signal setting register is performed when the INT
pin outputs the fixed-cycle interrupt signal. Therefore, the duty ratio of the INT pin may change. The example of the
INT pin output timing is shown below.
Internal signal reset Internal signal reset
Internal signal
INT
Write operation of fixed-cycle
interrput setting register
ENBL
Figure 15 INT Pin Output Timing Example 2 (Nch Open-drain Output)
Internal signal reset Internal signal reset
Internal signal
INT
Write operation of fixed-cycle
interrput setting register
ENBL
Figure 16 INT Pin Output Timing Example 2 (CMOS Output)
Moreover, since the crystal oscillation circuit is unstable immediately after power-on, regardless of the status of the
ENBL pin, the INT pin is fixed to Nch open-drain output = "L" or CMOS output = "H" for about 0.5 seconds after
power-on. The write operation of the fixed-cycle interrupt signal setting register is possible even during this time.
When the ENBL pin is set to "H" without the write operation of the fixed-cycle interrupt signal setting register after
power-on, the INT pin is fixed to Nch open-drain output = "H" or CMOS output = "L". Therefore, the write operation of
the fixed-cycle interrupt signal setting register should be performed after power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com