Electronic Components Datasheet Search
  English  ▼

X  

S89210 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S89210
Description  MINI ANALOG SERIES CMOS COMPARATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89210 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S89210 Datasheet HTML 1Page - Seiko Instruments Inc S89210 Datasheet HTML 2Page - Seiko Instruments Inc S89210 Datasheet HTML 3Page - Seiko Instruments Inc S89210 Datasheet HTML 4Page - Seiko Instruments Inc S89210 Datasheet HTML 5Page - Seiko Instruments Inc S89210 Datasheet HTML 6Page - Seiko Instruments Inc S89210 Datasheet HTML 7Page - Seiko Instruments Inc S89210 Datasheet HTML 8Page - Seiko Instruments Inc S89210 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MINI ANALOG SERIES CMOS COMPARATOR
Rev.4.0_01
S-89210/89220 Series
3
Product Name Structure
Users can select the product type for the S-89210/89220 Series. Refer to “1. Product name” regarding the contents
of product name, “2. Package” regarding the package drawings and “3. Product name list” regarding the product
type.
1. Product name
S-892 x 0 AC NC
− xxx TF x
Current consumption
1:
IDD = 50 µA
2:
IDD = 10 µA
IC direction in tape specifications
*1
Package name (abbreviation)
NC: SC-88A
Product code (abbreviation)
*2
Environmental code
S:
Lead-free, halogen-free
G: Lead-free (for details, please contact our sales office)
*1. Refer to the tape specifications.
*2. Refer to “3. Product name list”.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
SC-88A
NP005-B-P-SD
NP005-B-C-SD
NP005-B-R-SD
3. Product name list
Table 1
Product name
Current consumption
Rise propagation
delay time*1
Fall propagation
delay time*1
S-89210ACNC-1C0TFz
50
μA
30
μs
6
μs
S-89220ACNC-1C1TFz
10
μA
150
μs
30
μs
*1. The value when VDD = 3.0 V
Remark
z: G or S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com