Electronic Components Datasheet Search
  English  ▼

X  

S89210 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S89210
Description  MINI ANALOG SERIES CMOS COMPARATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89210 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S89210 Datasheet HTML 3Page - Seiko Instruments Inc S89210 Datasheet HTML 4Page - Seiko Instruments Inc S89210 Datasheet HTML 5Page - Seiko Instruments Inc S89210 Datasheet HTML 6Page - Seiko Instruments Inc S89210 Datasheet HTML 7Page - Seiko Instruments Inc S89210 Datasheet HTML 8Page - Seiko Instruments Inc S89210 Datasheet HTML 9Page - Seiko Instruments Inc S89210 Datasheet HTML 10Page - Seiko Instruments Inc S89210 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MINI ANALOG SERIES CMOS COMPARATOR
Rev.4.0_01
S-89210/89220 Series
7
2. VDD = 3.0 V
Table 7
DC Electrical Characteristic (VDD = 3.0 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Current consumption
IDD
S-89210 Series
−
50
120
μA
5
S-89220 Series
−
10
30
μA
5
Input offset voltage
VIO
−
−4
±3
+4
mV
1
Input offset current
IIO
−
−
1
−
pA
−
Input bias current
IBIAS
−
−
1
−
pA
−
Common-mode input voltage
range
VCMR
−
0
−
2.3
V
2
Maximum output swing
voltage
VOH
IOH = 20
μA
2.7
−
−
V
3
VOL
IOL = 20
μA
−
−
0.01
V
4
Common-mode input signal
rejection ratio
CMRR
−
60
70
−
dB
2
Power supply voltage
rejection ratio
PSRR
−
60
70
−
dB
1
Source current
ISOURCE VOUT = 0 V
S-89210 Series
120
−
−
μA
6
S-89220 Series
25
−
−
μA
6
Sink current
ISINK
VOUT = 0.5 V
8
−
−
mA
7
Table 8
AC Electrical Characteristic (VDD = 3.0 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Rise propagation delay time
tPLH
Overdrive = 100 mV
CL = 15 pF
(Refer to Figure 11)
S-89210 Series
−
30
−
μs
S-89220 Series
−
150
−
μs
Fall propagation delay time
tPHL
S-89210 Series
−
6
−
μs
S-89220 Series
−
30
−
μs
Rise response time
tTLH
S-89210 Series
−
2
−
μs
S-89220 Series
−
10
−
μs
Fall response time
tTHL
S-89210 Series
−
2
−
μs
S-89220 Series
−
10
−
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com