Electronic Components Datasheet Search
  English  ▼

X  

S89210 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S89210
Description  MINI ANALOG SERIES CMOS COMPARATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89210 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S89210 Datasheet HTML 7Page - Seiko Instruments Inc S89210 Datasheet HTML 8Page - Seiko Instruments Inc S89210 Datasheet HTML 9Page - Seiko Instruments Inc S89210 Datasheet HTML 10Page - Seiko Instruments Inc S89210 Datasheet HTML 11Page - Seiko Instruments Inc S89210 Datasheet HTML 12Page - Seiko Instruments Inc S89210 Datasheet HTML 13Page - Seiko Instruments Inc S89210 Datasheet HTML 14Page - Seiko Instruments Inc S89210 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MINI ANALOG SERIES CMOS COMPARATOR
Rev.4.0_01
S-89210/89220 Series
11
5. Current consumption
+
−
VOUT
VDD
VIN1
VIN2
A
• Current consumption (IDD)
Test conditions:
VIN1 = VSS
VIN2 = VCMR Max.
Figure 8
6. Source current
+
−
VDD
VIN1
VIN2
A
VOUT
• Source current (ISOURCE)
Test conditions:
VOUT = 0 V
VIN1 =
VDD
2 − 0.5 V
VIN2 =
VDD
2 + 0.5 V
Figure 9
7. Sink current
+
−
VDD
VIN1
VIN2
A
VOUT
• Sink current (ISINK)
Test conditions:
VOUT = 0.5 V
VIN1 =
VDD
2 + 0.5 V
VIN2 =
VDD
2 − 0.5 V
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com