Electronic Components Datasheet Search
  English  ▼

X  

WM8971L Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 41Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 42Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 43Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 44Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 45Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 46Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
43
The WM8971L has two possible device addresses, which can be selected using the CSB pin.
CSB STATE
DEVICE ADDRESS
Low
0011010 (0 x 34h)
High
0011011 (0 x 36h)
Table 35 2-Wire MPU Interface Address Selection
POWER SUPPLIES
The WM8971L can use up to four separate power supplies:
•
AVDD / AGND: Analogue supply, powers all analogue functions except the headphone drivers.
AVDD can range from 1.8V to 3.6V and has the most significant impact on overall power
consumption (except for power consumed in the headphone). A large AVDD slightly improves
audio quality.
•
HPVDD / HPGND: Headphone supply, powers analogue outputs L/ROUT1, L/ROUT2 and
MONOOUT. HPVDD is normally tied to AVDD, but requires separate layout and decoupling
capacitors to curb harmonic distortion. If HPVDD is lower than AVDD, the output signal may be
clipped.
•
DCVDD: Digital core supply, powers all digital functions except the audio and control
interfaces. DCVDD can range from 1.42V to 3.6V, and has no effect on audio quality. The
return path for DCVDD is DGND, which is shared with DBVDD.
•
DBVDD: Digital buffer supply, powers the audio and control interface buffers. This makes it
possible to run the digital core at very low voltages, saving power, while interfacing to other
digital devices using a higher voltage. DBVDD draws much less power than DCVDD, and has
no effect on audio quality. DBVDD can range from 1.8V to 3.6V. The return path for DBVDD is
DGND, which is shared with DCVDD.
It is possible to use the same supply voltage on all four. However, digital and analogue supplies
should be routed and decoupled separately to keep digital switching noise out of the analogue signal
paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com