Electronic Components Datasheet Search
  English  ▼

X  

WM8971L Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 48Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 49Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 50Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 51Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 52Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 53Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 54Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 55Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 56Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
55
PACKAGE DIMENSIONS
DM030.C
FL: 32 PIN QFN PLASTIC PACKAGE 5 X 5 X 0.9 mm BODY, 0.50 mm LEAD PITCH
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP. DIMENSION L1 REPRESENTS TERMINAL PULL BACK FROM
PACKAGE SIDE WALL. MAXIMUM OF 0.1mm IS ACCEPTABLE. WHERE TERMINAL PULL BACK EXISTS, ONLY UPPER HALF OF LEAD IS VISIBLE ON PACKAGE SIDE WALL DUE TO HALF
ETCHING OF LEADFRAME.
2. FALLS WITHIN JEDEC, MO-220 WITH THE EXCEPTION OF D2, E2:
D2,E2: LARGER PAD SIZE CHOSEN WHICH IS JUST OUTSIDE JEDEC SPECIFICATION
3. ALL DIMENSIONS ARE IN MILLIMETRES
4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
5. SHAPE AND SIZE OF CORNER TIE BAR MAY VARY WITH PACKAGE TERMINAL COUNT. CORNER TIE BAR IS CONNECTED TO EXPOSED PAD INTERNALLY
SEE DETAIL B
E2
E2/2
b
B
16
15
A
8
9
e
5
CORNER
TIE BAR
C
0.08
C
ccc
A
A1
C
(A3)
SEATING PLANE
1
B
D2
L
D2/2
SEE DETAIL A
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
C
aaa
2 X
C
aaa
2 X
E
DETAIL B
DETAIL A
B
C
bbb M
A
32x b
L1
1
1
5
CORNER
TIE BAR
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
A1
A3
b
D
D2
E
E2
e
L
L1
R
0.85
0.90
1.00
0.05
0.02
0
0.2 REF
0.30
0.23
0.18
5.00
3.4
3.3
3.2
0.5 BSC
0.35
0.4
0.45
0.1
b(min)/2
1
2
2
1
K
0.20
aaa
bbb
ccc
REF:
0.15
0.10
0.10
JEDEC, MO-220, VARIATION VKKD-2
Tolerances of Form and Position
4.90
5.10
5.00
4.90
5.10
3.4
3.3
3.2
EXPOSED
CENTRE
PAD
1
17
24
25
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com