Electronic Components Datasheet Search
  English  ▼

X  

WM8971L Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
15
CONTROL INTERFACE TIMING – 3-WIRE MODE
CSB
SCLK
SDIN
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
Figure 4 Control Interface Timing – 3-Wire Serial Control Mode
Test Conditions
DCVDD = 1.42V, DBVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CSB rising edge
tSCS
80
ns
SCLK pulse cycle time
tSCY
200
ns
SCLK pulse width low
tSCL
80
ns
SCLK pulse width high
tSCH
80
ns
SDIN to SCLK set-up time
tDSU
40
ns
SCLK to SDIN hold time
tDHO
40
ns
CSB pulse width low
tCSL
40
ns
CSB pulse width high
tCSH
40
ns
CSB rising to SCLK rising
tCSS
40
ns
Pulse width of spikes that will be suppressed
tPS
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com