Electronic Components Datasheet Search
  English  ▼

X  

WM8972L Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, DBVDD = 3.3V, AVDD = OPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1, RINPUT1, LINPUT2, RINPUT2, LINPUT3, RINPUT3) to ADC out
AVDD = 3.3V
1.0
Full Scale Input Signal Level
(for ADC 0dB Input at 0dB Gain)
VINFS
AVDD = 1.8V
0.545
V rms
+/-INPUT1 to ADC,
PGA gain = 0dB
22
+/-INPUT1 to ADC,
PGA gain = +30dB
1.5
DC Measurement
16
Input Resistance
+/-INPUT1 unused
17
k
Ω
Input Capacitance
10
pF
AVDD = 3.3V
80
95
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 1.8V
90
dB
Dynamic Range
-60dBFs
90
95
dB
-1dBFs input,
AVDD = 3.3V
-82
0.008
-77
0.014
Total Harmonic Distortion
THD
-1dBFs input,
AVDD = 1.8V
-74
0.02
dB
%
Analogue Outputs (OUT+/-, MONOOUT)
0dB Full scale output voltage
AVDD/3.3
Vrms
1kHz, full scale signal
90
Mute attenuation
MONOOUT pin
81
dB
DAC to Line-Out (OUT+/- with 10k
Ω
Ω
Ω
Ω / 50pF load)
AVDD=3.3V
90
98
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=1.8V
93
dB
AVDD=3.3V
-84
Total Harmonic Distortion
THD
AVDD=1.8V
-80
dB
Speaker Output (OUT +/- with 8
Ω
Ω
Ω
Ω bridge tied load, OUTINV=1)
Output Power
PO
Output power is very closely correlated with THD; see below.
Po=180mW, RL=8
Ω,
OPVDD=3.3V
-60
0.1
Total Harmonic Distortion
THD
Po=400mW, RL=8
Ω
OPVDD=3.3V
-36
1.6
dB
%
Signal to Noise Ratio
(A-weighted)
SNR
OPVDD=3.3V, RL=8
Ω
95
dB
Analogue Reference Levels
Midrail Reference Voltage
VMID
–3%
AVDD/2
+3%
V
Buffered Reference Voltage
VREF
–3%
AVDD/2
+3%
V
Microphone Bias
Bias Voltage
VMICBIAS
3mA load current
–5%
0.9
×AVDD
+ 5%
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
15
nV/
√Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
×DBVDD
V
Input LOW Level
VIL
0.3
×DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
×DBVDD
V
Output LOW Level
VOL
IOH-1mA
0.1
×DBVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com