Electronic Components Datasheet Search
  English  ▼

X  

WM8972L Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
14
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:6
INSEL
00
Input Select
00 = INPUT1
01 = INPUT2
11 = L-R Differential (either INPUT1+
– INPUT1- or INPUT2+ –
INPUT2-, selected by DS)
R32 (20h)
ADC Signal
Path Control
5:4
MICBOOST
00
Microphone Gain Boost
00 = Boost off (bypassed)
01 = 13dB boost
10 = 20dB boost
11 = 29dB boost
Table 2 Input Software Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
ADC Input Mode
8
DS
0
Differential input select
0: INPUT1+ – INPUT1-
1: INPUT2+ – INPUT2-
Table 3 Differential Input Select
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The output can be enabled or disabled
using the MICB control bit (see also the “Power Management” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
Management (1)
1
MICB
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Table 4 Microphone Bias Control
The internal MICBIAS circuitry is shown below. Note that the is a maximum source current capability
for MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit the
MICBIAS current to 3mA.
AGND
MICBIAS
= 1.8 x VMID
= 0.9 X AVDD
VMID
internal
resistor
internal
resistor
MICB
Figure 6 Microphone Bias Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com