Electronic Components Datasheet Search
  English  ▼

X  

WM8972L Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Preliminary Technical Data
WM8972L
w
PTD Rev 2.2 June 2004
15
PGA CONTROL
The PGA matches the input signal level to the ADC input range. The PGA gain is logarithmically
adjustable from +30dB to –17.25dB in 0.75dB steps. The PGA can be controlled either by the user or
by the ALC function (see Automatic Level Control). When ALC is enabled then writing to the PGA
control register has no effect.
Setting the ZCEN bit enables a zero-cross detector which ensures that PGA gain changes only occur
when the signal is at zero, eliminating any zipper noise. If zero cross is enabled a timeout is also
available to update the gain if a zero cross does not occur. This function may be enabled by setting
TOEN in register R23 (17h).
The inputs can also be muted in the analogue domain under software control. The software control
registers are shown in Table 5. If zero crossing is enabled, it is necessary to enable zero cross
timeout to un-mute the input PGAs. This is because their outputs will not cross zero when muted.
Alternatively, zero cross can be disables before sending the un-mute command.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
IVU
0
Volume Update
0 = Store INVOL in intermediate
latch (no gain change)
1 = Update gains
7
INMUTE
1
Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IVU must be set to un-mute.
6
ZCEN
0
Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
R0 (00h)
PGA
5:0
INVOL
[5:0]
010111
( 0dB )
Input Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R23 (17h)
Additional
Control (1)
0
TOEN
0
Timeout Enable
0 : Timeout Disabled
1 : Timeout Enabled
Table 5 Input PGA Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com