Electronic Components Datasheet Search
  English  ▼

X  

G913 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # G913
Description  150mA Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G913 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  G913 Datasheet HTML 1Page - Interpoint Corporation Company G913 Datasheet HTML 2Page - Interpoint Corporation Company G913 Datasheet HTML 3Page - Interpoint Corporation Company G913 Datasheet HTML 4Page - Interpoint Corporation Company G913 Datasheet HTML 5Page - Interpoint Corporation Company G913 Datasheet HTML 6Page - Interpoint Corporation Company G913 Datasheet HTML 7Page - Interpoint Corporation Company G913 Datasheet HTML 8Page - Interpoint Corporation Company G913 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Ver 0.9 Preliminary
Jan 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G913
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= +3.6V, CIN=1µF, COUT=1µF, G913B, TA=25 °C, unless otherwise noted.)
Output Voltage vs. Load Current
Ground Current vs. Load Current
Output Voltage vs. Load Current
Supply Current vs. Input Voltage
Dropout Voltage vs. Load Current
Output Noise 10HZ to 100KHZ
0
10
20
30
40
50
60
70
80
90
100
110
120
130
01
23
45
67
Input Voltage (V)
ILOAD = 0A
ILOAD = 50mA
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
012
3456
Input Voltage (V)
No Load
0
50
100
150
200
250
300
0
102030
40
50
60708090 100 110 120 130 140 150
Load Current (mA)
3.100
3.110
3.120
3.130
3.140
3.150
3.160
0
10
20304050
60708090 100 110 120 130 140 150
Load Current (mA)
0
50
100
150
200
250
300
0
10203040
506070
80
90 100 110 120 130 140 150
Load Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com