Electronic Components Datasheet Search
  English  ▼

X  

G913 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # G913
Description  150mA Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G913 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button G913 Datasheet HTML 2Page - Interpoint Corporation Company G913 Datasheet HTML 3Page - Interpoint Corporation Company G913 Datasheet HTML 4Page - Interpoint Corporation Company G913 Datasheet HTML 5Page - Interpoint Corporation Company G913 Datasheet HTML 6Page - Interpoint Corporation Company G913 Datasheet HTML 7Page - Interpoint Corporation Company G913 Datasheet HTML 8Page - Interpoint Corporation Company G913 Datasheet HTML 9Page - Interpoint Corporation Company G913 Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ver 0.9 Preliminary
Jan 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G913
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= +3.6V, CIN=1µF, COUT=1µF, G913B, TA=25 °C, unless otherwise noted.)
Output Voltage vs. Temperature
Ground Current vs. Temperature
Shutdown Supply Current
SHDN Input Bias Current vs. Temperature
SET Input Leakage Current vs. Temperature
SET Reference Voltage vs. Temperature
-0.20
-0.10
0.00
0.10
0.20
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110 120
Junction Temperature TJ (
℃)
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120
Junction Temperature TJ (℃)
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120
Junction Temperature TJ (℃)
3.280
3.290
3.300
3.310
3.320
3.330
3.340
-40
-30
-20
-10
0
102030405060708090
100 110 120
Junction Temperature TJ (℃)
G913C
G913C
G913C
VIN=3.6V
G913C
ILOAD=1mA
VIN=5.5V
VIN=3.4V
0
20
40
60
80
100
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110 120
Junction Temperature TJ (℃)
G913C
ILOAD=0A
1.230
1.235
1.240
1.245
1.250
1.255
1.260
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110
120
Junction Temperature TJ (℃)
G913C
ILOAD=1mA
VIN=5.5V
VIN=2.5V
VIN=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com