Electronic Components Datasheet Search
  English  ▼

X  

G913 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # G913
Description  150mA Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G913 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  G913 Datasheet HTML 1Page - Interpoint Corporation Company G913 Datasheet HTML 2Page - Interpoint Corporation Company G913 Datasheet HTML 3Page - Interpoint Corporation Company G913 Datasheet HTML 4Page - Interpoint Corporation Company G913 Datasheet HTML 5Page - Interpoint Corporation Company G913 Datasheet HTML 6Page - Interpoint Corporation Company G913 Datasheet HTML 7Page - Interpoint Corporation Company G913 Datasheet HTML 8Page - Interpoint Corporation Company G913 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ver 0.9 Preliminary
Jan 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G913
Global Mixed-mode Technology Inc.
150mA Low-Dropout Linear Regulators
Features
Low, 55µA No-Load Supply Current
Guaranteed 150mA Output Current
Dropout Voltage is 70mV @ 50mA Load
Over-Temperature Protection and Short-Circuit
Protection
Two Modes of Operation ----
Fixed Mode: 2.84V (G913A), 3.15V (G913B),
3.30V (G913C), 3.00V (G913D)
Adjustable Mode: from 1.25V to 5.5V
Max. Supply Current in Shutdown Mode < 1µA
Low Output Noise at 220µVRMS
Stability with lost cost ceramic capacitors
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Bar Code Scanners
General Description
The G913 is a low supply current, low dropout linear
regulator that comes in a space saving SOT23-5 pack-
age. The supply current at no-load is 55µA. In the
shutdown mode, the maximum supply current is less
than 1µA. Operating voltage range of the G913 is from
2.5V to 5.5V. The over-current protection limit is set at
250mA typical and 150mA minimum. An overtem-
perature protection circuit is built-in in the G913 to
prevent thermal overload. These power saving fea-
tures make the G913 ideal for use in the bat-
tery-powered applications such as notebook com-
puters, cellular phones, and PDA’s.
The G913 has two modes of operation. When the SET
pin is connected to ground, its output is a pre-set
value: 2.84V for G913A, 3.15V for G913B, and 3.30V
for G913C, and 3.00V for G913D. There is no external
components needed to decide the output voltage.
When an output other than the preset value is needed,
two external resistors should be used as a voltage
divider. The output voltage is then decided by the re-
sistor ratio. The G913 comes in a space saving
SOT23-5 package.
Ordering Information
PART MARKING VOLTAGE
TEMP.
RANGE
PIN-
PACKAGE
G913A
3A
2.84
-40°C~ +85°C
SOT 23-5
G913B
3B
3.15
-40°C~ +85°C
SOT 23-5
G913C
3C
3.30
-40°C~ +85°C
SOT 23-5
G913D
3D
3.00
-40°C~ +85°C
SOT 23-5
Pin Configuration
G963
SET
OUT
SOT23-5
G913
5
4
1
SHDN
2
3
GND
IN
IN
OUT
SHDN
SET
GND
G913
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SET
SHDN
G913
C
IN
1µF
_
BATTERY
OUTPUT
VOLTAGE
C
OUT
1µF
Fixed mode
G963
SET
OUT
SOT23-5
G913
5
4
1
SHDN
2
3
GND
IN
G963
SET
OUT
SOT23-5
G913
5
4
1
SHDN
2
3
GND
IN
IN
OUT
SHDN
SET
GND
G913
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SET
SHDN
G913
C
IN
1µF
_
BATTERY
OUTPUT
VOLTAGE
C
OUT
1µF
Fixed mode
IN
OUT
SHDN
SET
GND
G913
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SET
SHDN
G913
C
IN
1µF
_
BATTERY
OUTPUT
VOLTAGE
C
OUT
1µF
Fixed mode


Similar Part No. - G913

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
300mA Low-Dropout Linear Regulators
logo
Hamamatsu Corporation
G9130-21 HAMAMATSU-G9130-21 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-22 HAMAMATSU-G9130-22 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-23 HAMAMATSU-G9130-23 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-24 HAMAMATSU-G9130-24 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
More results

Similar Description - G913

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA RF - Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com