Electronic Components Datasheet Search
  English  ▼

X  

AWG3017 Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # AWG3017
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG3017 Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button AWG3017 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 21Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21/21
ASB Inc.
 sales@asb.co.kr
January 2017
AWG3017
12.
Recommended Soldering Reflow Profile
(End of Datasheet)
Copyright
2014-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB
assumes no responsibility for any errors which may appear in this datasheet. No part of the datasheet
may be copied or reproduced in any form or by any means without the prior written consent of ASB.
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com