Electronic Components Datasheet Search
  English  ▼

X  

AWG3017 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # AWG3017
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG3017 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AWG3017 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
ASB Inc.
 sales@asb.co.kr
January 2017
AWG3017
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-A2
3. Application: 500 ~ 3000 MHz
3.1
Application Circuit & Evaluation Board
C1
C2
C3
L1
C4
R1
AWG3017
RF IN
RF OUT
Vsupply = +5 V
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWG3017
-
-
MMIC Amplifier
ASB
C1, C2
100 pF
0603
DC blocking capacitor
Murata
C3
100 pF
0603
Decoupling capacitor
Murata
C4
1
F
0603
Decoupling capacitor
Murata
L1
33 nH
0603
RF choke inductor
Murata
R1
7.5
0603
Drop resistor
Samsung



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com