Electronic Components Datasheet Search
  English  ▼

X  

AWG3017 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # AWG3017
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG3017 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button AWG3017 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AWG3017 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
ASB Inc.
 sales@asb.co.kr
January 2017
AWG3017
6.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
500
1000
2000
3000
4000
MHz
Gain
17.6
17.3
17.0
16.5
16.5
dB
S11
-18.0
-20.0
-20.0
-20.0
-13.0
dB
S22
-10.0
-13.0
-17.0
-18.0
-17.0
dB
Noise Figure
1.9
1.9
2.3
3.0
4.4
dB
Output IP31)
38.0
39.0
39.0
33.0
28.0
dBm
Output P1dB
20.0
20.0
20.0
19.0
18.0
dBm
Current
104
mA
Device Voltage
+4.2
V
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1MHz.
6.3
Plot of S-parameter & Stability Factor
0
500 1000 1500 2000 2500 3000 3500 4000 4500
Frequency (MHz)
-40
-30
-20
-10
0
10
20
30
0
1
2
3
4
5
6
7
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com