Electronic Components Datasheet Search
  English  ▼

X  

RT9834 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9834
Description  Micro-Power Voltage Detector with Manual Reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9834 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9834 Datasheet HTML 1Page - Richtek Technology Corporation RT9834 Datasheet HTML 2Page - Richtek Technology Corporation RT9834 Datasheet HTML 3Page - Richtek Technology Corporation RT9834 Datasheet HTML 4Page - Richtek Technology Corporation RT9834 Datasheet HTML 5Page - Richtek Technology Corporation RT9834 Datasheet HTML 6Page - Richtek Technology Corporation RT9834 Datasheet HTML 7Page - Richtek Technology Corporation RT9834 Datasheet HTML 8Page - Richtek Technology Corporation RT9834 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9834
4
DS9834-00 May 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Terminal Voltage (with Respect to GND)
VDD ---------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
All Other Inputs -----------------------------------------------------------------------------------------------------
−0.3V to (VDD+ 0 .3V)
Input Current, IVDD -------------------------------------------------------------------------------------------------- 20mA
Power Dissipation, PD @ TA = 25°C
SOT-143 -------------------------------------------------------------------------------------------------------------- 0.44W
SC-82 ----------------------------------------------------------------------------------------------------------------- 0.29W
Package Thermal Resistance (Note 2)
SOT-143,
θJA--------------------------------------------------------------------------------------------------------- 228.1°C/W
SC-82,
θJA ------------------------------------------------------------------------------------------------------------ 345.6°C/W
Lead Temperature (Soldering, 10sec.) ------------------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 125°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------- 2kV
Electrical Characteristics
(VDD = 3V, TA = 25
°C, unless otherwise specified)
Recommended Operating Conditions
(Note 4)
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RT9834A/B/C/D
0.9
--
6
Operating VDD (VOUT) Range
VDD
RT9834E/F/G/H
1.1
--
6
V
Supply Current
IDD
VTH = 3V, VDD = 4.5V
--
3
8
μA
Reset Threshold
VTH
--
1.2 to 5
--
V
Threshold Voltage Accuracy
ΔV
TH
−1.5
--
1.5
%
Threshold Voltage Hysteresis
VHYS
--
0.01 VTH
--
V
VDD Drop to Reset Delay
tRD
Drop = VTH −125mV
--
20
--
μs
RT9834A/E
--
0
--
RT9834B/F
35
55
75
RT9834C/G
143
220
297
Reset Active
Timeout Period
RT9834D/H
tRP
VDD ≥ 1.02 x VTH
292
450
608
ms
VDD < VTH(MIN) ,ISINK = 3.5mA,
VTH ≥ 3V
--
--
0.4
VDD < VTH(MIN) ,ISINK = 1.2mA,
VTH ≥ 1.8V
--
--
0.3
RESET Output Voltage Low
VOL
VTH(MIN) > VDD > 1V,
ISINK = 0.5mA
--
--
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com