Electronic Components Datasheet Search
  English  ▼

X  

RT9834 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9834
Description  Micro-Power Voltage Detector with Manual Reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9834 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9834 Datasheet HTML 1Page - Richtek Technology Corporation RT9834 Datasheet HTML 2Page - Richtek Technology Corporation RT9834 Datasheet HTML 3Page - Richtek Technology Corporation RT9834 Datasheet HTML 4Page - Richtek Technology Corporation RT9834 Datasheet HTML 5Page - Richtek Technology Corporation RT9834 Datasheet HTML 6Page - Richtek Technology Corporation RT9834 Datasheet HTML 7Page - Richtek Technology Corporation RT9834 Datasheet HTML 8Page - Richtek Technology Corporation RT9834 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9834
®
DS9834-00 May 2013
www.richtek.com
1
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Features
Internally Fixed Threshold 1.2V to 5V in 0.1V Step
High Accuracy
±±±±±1.5%
Low Supply Current 3
μμμμμA
No External Components Required
Quick Reset within 20
μμμμμs
Built-in Recovery Delay : 0ms, 55ms, 220ms, 450ms
Options
800ns Glitch Immunity of Manual Reset Input
Low Functional Supply Voltage 0.9V
CMOS Push-Pull Output
Small SC-82 and SOT-143 Packages
RoHS Compliant and Halogen Free
Applications
Computers
Controllers
Intelligent Instruments
Critical
μP and μC Power Monitoring
Portable/Battery-Powered Equipment
Micro-Power Voltage Detector with Manual Reset
General Description
The RT9834 is a micro-power voltage detector with
deglitched manual reset input supervising the power supply
voltage level for microprocessors (
μP) or digital systems.
It provides internally fixed threshold levels with 0.1V per
step ranging from 1.2V to 5V, which covers most digital
applications. It features low supply current of 3
μA. The
RT9834 performs supervisory function by sending out a
reset signal whenever the VDD voltage falls below a preset
threshold level. This reset signal will last the whole period
before VDD recovering. Once VDD recovered upcrossing
the threshold level, the reset signal will be released after
a certain delay time. To pull reset signal low manually,
just pull the manual reset input (MR) below the specified
VIL level. The RT9834 is available in the SC-82 and
SOT-143 packages.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Simplified Application Circuit
RT9834
VDD
GND
MR
RESET/
RESET
VDD
µp
RESET/
RESET


Similar Part No. - RT9834

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9832 RICHTEK-RT9832 Datasheet
173Kb / 12P
PWM Duty Generator with Adjustable Duty Setting
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
RT9833A-12GY RICHTEK-RT9833A-12GY Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
RT9833A-13GY RICHTEK-RT9833A-13GY Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
RT9833A-14GY RICHTEK-RT9833A-14GY Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
More results

Similar Description - RT9834

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9816 RICHTEK-RT9816 Datasheet
117Kb / 10P
Micro-Power Voltage Detectors with Manual Reset
RT9817 RICHTEK-RT9817 Datasheet
114Kb / 11P
Micro-Power Voltage Detectors with Manual Reset
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
Micro-Power Voltage Detector with Manual Reset
RT9816 RICHTEK-RT9816_11 Datasheet
121Kb / 10P
Micro-Power Voltage Detectors with Manual Reset
RT9817 RICHTEK-RT9817_11 Datasheet
139Kb / 11P
Micro-Power Voltage Detectors with Manual Reset
RT9827 RICHTEK-RT9827 Datasheet
161Kb / 14P
Micro-Power Voltage Detector
logo
ELM Electronics
ELM73 ELM-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
logo
ELM Technology Corporat...
ELM73 ELM-TECH-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807_15 Datasheet
167Kb / 7P
Micro-Power Voltage Detector
logo
Diodes Incorporated
APX803L DIODES-APX803L Datasheet
554Kb / 22P
MICRO POWER VOLTAGE DETECTOR
April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com